Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10103CC04T-XCFNH Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 10103CC04T-XCFNH
Description  102/103, 202/203, 302/303 Flanged Diaphragm Seal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

10103CC04T-XCFNH Datasheet(HTML) 2 Page - Ashcroft, Inc.

  10103CC04T-XCFNH Datasheet HTML 1Page - Ashcroft, Inc. 10103CC04T-XCFNH Datasheet HTML 2Page - Ashcroft, Inc. 10103CC04T-XCFNH Datasheet HTML 3Page - Ashcroft, Inc. 10103CC04T-XCFNH Datasheet HTML 4Page - Ashcroft, Inc. 10103CC04T-XCFNH Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
102/103, 202/203, 302/303 Flanged Diaphragm Seal
Data Sheet
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
© 2021 Ashcroft Inc. 102_flanged_seal_ds_RevD_02-17-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
of 5
2
TABLE 3 - BOTTOM HOUSING MATERIALS
Material
Code
Notes
304L SS
C
316L SS
S
321 SS
Q
Available by request
347 SS
E
Available by request
904L SS
F
Available by request
Carpenter 20®
D
Duplex 2205
Z
Available by request
Halar®-coated Monel®
BH
N/A with flushing connections
Hastelloy® B
G
Hastelloy® C-22
J
Hastelloy® C-276
H
Inconel® 625
W
Monel® 400
M
Nickel
N
PTFE
T
N/A with flushing connection
Available only with 150-class flange
Max. pressure: 270 psi
Max. temperature: 150°F (66°C)
PVC
V
N/A with flushing connection
Available only with 150-class flange
Max. pressure: 75 psi
Max. temperature: 100°F (38°C)
PVDF
(Kynar®)
KY
N/A with flushing connection
150-class flange (only)
Max. pressure: 200 psi
Max. temperature: 180°F (82°C)
Steel
B
Tantalum-clad 316L SS
SU
N/A with flushing connection
Titanium
Ti
TABLE 2 - DIAPHRAGM MATERIALS
Material
Code 100 200 300
Notes
304L SS
C
•
•
316L SS
S
•
•
904L SS
F
•
Carpenter® 20
D
•
•
Gold Plated
316L SS
W
•
Temp. limits:
-40°F to 400°F (-40°C to 204°C)
Halar®-coated
Monel®
R
•
Hastelloy® B
G
•
•
Hastelloy® C-22
J
•
•
Hastelloy® C-276
H
•
•
Monel® 400
P
•
•
200 series: must be ordered with
Monel® top housing option (XYM)
Nickel
N
•
•
Tantalum
U
•
•
Titanium
Ti
•
Includes Titanium top housing
Kalrez®
K
•
•
Temp. limits:
30°F to 212°F (-1°C to 100°C)
Max. pressure: 500 psi
PTFE
T
•
•
Temp. limits:
-40°F to 400° (-40°C to 204°C)
Viton®
Y
•
•
Temp. limits:
-40°F to 350°F (-40°C to 204°C)
Max. pressure: 500 psi



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com