Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS08 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # BS08
Description  Silicon Bilateral Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BS08 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  BS08 Datasheet HTML 1Page - Powerex Power Semiconductors BS08 Datasheet HTML 2Page - Powerex Power Semiconductors BS08 Datasheet HTML 3Page - Powerex Power Semiconductors BS08 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
BS08D
Silicon Bilateral Switch
CIRCUIT SYMBOL
5V
10k
47
A
A
V
V
GATE CHARACTERISTICS
MEASUREMENT CIRCUIT
APPLICATION EXAMPLES
THYRISTOR TRIGGER CIRCUIT
EQUIVALENT CIRCUIT
T2
T1
G
LOAD
SBS
BS08D
BCR16
HM-8
Triac
VR
200K
AC INPUT
100VAC
R1
100 , 0.25W
R2
100
0.5W
R3
15k
(1W)
D1
D2
C2
0.1
F
400WV
C1
0.47 F
25WV
This circuit is useable in such applications as lighting
control circuits, electric heater control, and other load
control applications.
TRIAC TRIGGER CIRCUIT
VT2
VT1
VS2
VS1
IS2
ID2
ID1
IH2
IS1
IH1
-I
+I
-V
+V
STATIC CHARACTERISTICS
LOAD
1k
SBS
BS08D
0.1
F
C
1M
VR
DR
220k
CR2AM-8
CR
AC INPUT
100VAC
R2
This circuit is widely used in DC motor
contol and other control applications.
T1
T2
G
TT-4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com