Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08400JS02T Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # 08400JS02T
Description  400/500 Threaded All-Welded Diaphragm Seal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

08400JS02T Datasheet(HTML) 1 Page - Ashcroft, Inc.

  08400JS02T Datasheet HTML 1Page - Ashcroft, Inc. 08400JS02T Datasheet HTML 2Page - Ashcroft, Inc. 08400JS02T Datasheet HTML 3Page - Ashcroft, Inc. 08400JS02T Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. 400-500_Thread_Seal_ds_RevH_06-28-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
400/500 Threaded All-Welded Diaphragm Seal
of 4
1
SPECIFICATIONS
Connection Style:
400, 500: Threaded
401, 501: Threaded with flushing port
Process Connection
Size:
1
⁄4 to 11⁄2 NPT Female
1
⁄4 to 1 NPT Male
Fill Fluid:
Glycerin, Silicone, Halocarbon®, Syltherm®
(see Table 2 on page 3 for more fill fluid options)
Pressure Rating
(MAWP):
400/401: 4,400 psi
400 (XHP OPT.): 9,000 psi
401 (XHP OPT.): 5,000 psi
500/501: 500 psi
Instrument Connection
Size:
1
⁄4 or 1⁄2 NPT Female
Added Tolerance:
±0.5% typical
Approvals:
CRN, NACE
KEY BENEFITS
• Continuous duty design
• Minimized fill volume
• Suitable for pressures up to 9,000 psi
NON-WETTED COMPONENTS
Top Housing
Bolts/Clamp Rings
Nuts
316L Stainless Steel
Hastelloy® C-276
Monel®
Titanium
Carbon steel
Stainless Steel
WETTED COMPONENTS
Diaphragm
Bottom Housing
316L Stainless steel
Hastelloy® C-276
Monel® 400
Titanium
Tantalum
316L Stainless steel
Hastelloy® C-276
Hastelloy® C-22
Monel®
Titanium
FEATURES
„
All welded construction ensures a leak-tight,
tamper-proof seal
„
All 316L stainless steel construction resists
corrosive attack from a wide variety of
process media
„
Flushing connection optional
TYPICAL USES
„
Oil and Gas
„
Refineries
„
Chemical and Petrochemical
„
Water and Wastewater
„
NACE Compliant Processes
„
Biogas and Biodiesel
400
Threaded All-Welded
Diaphragm Seal
500
Threaded All-Welded
Diaphragm Seal


Similar Part No. - 08400JS02T

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
08400.0-02-9002 STEGO-08400.0-02-9002 Datasheet
1Mb / 1P
PRESSURE COMPENSATION DEVICE
05.04.2023
More results

Similar Description - 08400JS02T

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS5-55A FUJI-EDS5-55A Datasheet
238Kb / 6P
OPTICAL GAUGE PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-78A FUJI-EDS6-78A Datasheet
215Kb / 4P
OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-105A FUJI-EDS6-105A Datasheet
151Kb / 6P
FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
logo
Ohmite Mfg. Co.
RES-20 OHMITE-RES-20 Datasheet
328Kb / 2P
All-welded construction
RES-90 OHMITE-RES-90 Datasheet
377Kb / 2P
All-welded construction
logo
Laird Tech Smart Techno...
800 LSTD-800 Datasheet
415Kb / 1P
All-welded unit construction
logo
Ohmite Mfg. Co.
90-SERIES OHMITE-90-SERIES Datasheet
377Kb / 2P
All-welded construction
logo
Willow Technologies Ltd
134 WILLOW-134 Datasheet
142Kb / 6P
All welded construction
logo
Ohmite Mfg. Co.
20SERIES OHMITE-20SERIES Datasheet
328Kb / 2P
All-welded construction.
40SERIES OHMITE-40SERIES Datasheet
378Kb / 2P
All-welded construction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com