Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08400JS04T Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # 08400JS04T
Description  400/500 Threaded All-Welded Diaphragm Seal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

08400JS04T Datasheet(HTML) 4 Page - Ashcroft, Inc.

  08400JS04T Datasheet HTML 1Page - Ashcroft, Inc. 08400JS04T Datasheet HTML 2Page - Ashcroft, Inc. 08400JS04T Datasheet HTML 3Page - Ashcroft, Inc. 08400JS04T Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. 400-500_Thread_Seal_ds_RevH_06-28-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
400/500 Threaded All-Welded Diaphragm Seal
of 4
4
400 THREADED SEAL
A
B
C
3.75
[95]
2.88
[73]
1.81
[46]
500 THREADED SEAL
A
B
C
2.50
[63]
2.88
[73]
1.81
[46]
C
A
B
A
B
C
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
Bourdon Tube
Gauge Socket
Seal Top Housing
Seal Bottom Housing
50 100 150 200 250 300 350 400 450 500 550 600 650 700 750
DEGREES °F
This graph represents the heat dissipation based on results of a specific
laboratory test. These results may vary in the field based on multiple factors
such as ambient temperature, type of process media and/or velocity. This data
set is to be used as a reference point only. These test results are based on an
ambient temperature of 68°F.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com