Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC805 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC805
Description  Miniature Integrated High Current Lithium-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC805 Datasheet(HTML) 2 Page - Semtech Corporation

  SC805 Datasheet HTML 1Page - Semtech Corporation SC805 Datasheet HTML 2Page - Semtech Corporation SC805 Datasheet HTML 3Page - Semtech Corporation SC805 Datasheet HTML 4Page - Semtech Corporation SC805 Datasheet HTML 5Page - Semtech Corporation SC805 Datasheet HTML 6Page - Semtech Corporation SC805 Datasheet HTML 7Page - Semtech Corporation SC805 Datasheet HTML 8Page - Semtech Corporation SC805 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
 2005 Semtech Corp.
www.semtech.com
SC805
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C5
2 oCT
A
0
4
-
(
o
)
C
°
5
8
+
o
t
C
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
e
g
a
tl
o
V
t
u
p
n
I
55
1
.
39
.
5V
t
n
e
r
r
u
C
g
n
it
a
r
e
p
OC
C
I
S
I
D
0
=
N
E
,
e
d
o
M
n
w
o
d
t
u
h
S1
.
01
A
µ
C
C
I
G
H
C
e
d
o
M
g
n
i
g
r
a
h
C
A
µ
0
=
G
R
P
I
,
M
R
E
T
I
,
B
G
R
H
C
2
.
15
2
.
2A
m
t
n
e
r
r
u
C
e
g
a
k
a
e
L
y
r
e
tt
a
Bk
a
e
lI
T
A
B
V
0
=
C
C
V1
.
01
A
µ
e
g
a
tl
o
V
d
e
t
a
l
u
g
e
R*
*
*
T
A
B
V0
2
.
46
1
.
44
2
.
4V
t
n
e
r
r
u
C
e
g
r
a
h
C
-
e
r
P
y
r
e
tt
a
BQ
E
R
P
I
k
1
0
.
3
=
R
r
o
t
s
i
s
e
R
M
R
E
T
I
0
54
44
5
A
m
t
n
e
r
r
u
C
n
o
it
a
n
i
m
r
e
T
y
r
e
tt
a
BQ
M
R
E
T
I0
55
.
4
45
.
3
5
t
n
e
r
r
u
C
e
g
r
a
h
C
-
t
s
a
F
y
r
e
tt
a
BQ
t
s
a
F
I
1
Q
t
s
a
F
I
2
k
5
1
=
M
G
R
P
I
k
7
8
.
1
=
M
G
R
P
I
V
8
.
3
=
Y
R
E
T
T
A
B
V
V
m
0
5
5
=
e
g
a
tl
o
V
t
u
o
p
o
r
D
0
0
1
7
8
7
5
.
1
9
5
-
5
.
1
1
1
5
+
A
m
%
t
n
e
r
r
u
C
x
a
M
e
g
r
a
h
C
-
t
s
a
F
y
r
e
tt
a
B
ti
m
i
L
T
A
B
V
<
Y
R
E
T
T
A
B
V
<
V
8
.
20
.
1A
e
g
a
tl
o
V
d
e
t
a
l
u
g
e
R
g
o
r
p
IV
M
G
R
P
I
5
.
14
.
16
.
1V
e
g
a
tl
o
V
d
e
t
a
l
u
g
e
R
m
r
e
tIV
M
R
E
T
I
5
.
14
.
16
.
1V
Unless otherwise noted: VCC = 4.75V - 5.25V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
D
N
G
o
t
C
T
N
/
N
E
,
L
I
C
C
V
,
C
C
V
0
.
7
o
t
3
.
0
-V
D
N
G
o
t
E
M
I
T
R
,
M
R
E
T
I
,
B
G
R
H
C
,
M
G
R
P
I
,
T
A
B
O
N
,
T
U
O
V
0
.
6
+
o
t
3
.
0
-V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
C
°
/
W
m
0
2
e
t
a
r
e
D
(
P
L
M)
C
°
5
8
e
v
o
b
ad
P2
W
e
s
a
C
o
t
n
o
it
c
n
u
J
,
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
A
J
*
0
5W
/
C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
T
J
0
5
1C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O
T
A
5
8
+
o
t
0
4
-C
°
s
0
4
-
s
0
2
g
n
ir
e
d
l
o
s
,
e
r
u
t
a
r
e
p
m
e
t
w
o
lf
e
R
R
I
k
a
e
PT
D
A
E
L
0
6
2C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
D
N
G
o
t
t
r
o
h
s
T
U
O
V
s
u
o
u
n
it
n
o
CA
I
L
I
C
C
V
I
+
T
U
O
V
t
n
e
r
r
u
C
t
u
p
t
u
O
l
a
t
o
TI
T
O
T
_
T
U
O
1A
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.
*Calculated from package in still air, mounted to 3” to 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com