Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC900EVB
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC900EVB Datasheet HTML 9Page - Semtech Corporation SC900EVB Datasheet HTML 10Page - Semtech Corporation SC900EVB Datasheet HTML 11Page - Semtech Corporation SC900EVB Datasheet HTML 12Page - Semtech Corporation SC900EVB Datasheet HTML 13Page - Semtech Corporation SC900EVB Datasheet HTML 14Page - Semtech Corporation SC900EVB Datasheet HTML 15Page - Semtech Corporation SC900EVB Datasheet HTML 16Page - Semtech Corporation SC900EVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900
Applications Information (Cont.)
Output Voltage Code Bits:
A 5-bit linear DAC controls the output voltage of each LDO. The DAC and error-amp gain are scaled so that the LSB
size at the output is 50mV. Output voltage can be set by writing the proper code to the desired LDO register. See
Table A for the bitcodes and their corresponding voltages.
Table A - LDO Output Voltage Control Settings
4
t
i
B3
t
i
B2
t
i
B1
t
i
B0
t
i
Be
g
a
t
l
o
V
t
u
p
t
u
O
O
D
L
0
0000
V
5
4
.
1
0
000
1
V
0
5
.
1
00
0
1
0
V
5
5
.
1
00
0
1
1
V
0
6
.
1
00
1
0
0
V
5
6
.
1
-
----
-
-
----
-
1
111
0
V
5
9
.
2
1
1111
V
0
0
.
3
Using the I2C Interface
The SC900 is a read-write slave-mode I2C device and complies with the Philips I2C standard Version 2.1 dated
January 2000. The SC900 has six user-accessible internal 8-bit registers. The I2C interface has been designed for
program flexibility, in that once the slave address has been sent to the SC900 enabling it to be a slave transmitter/
receiver, any register can be written or read from independent of each other. While there is no auto increment/
decrement capability in the SC900 I2C logic, a tight software loop can be designed to randomly access the next
register independent of which register you begin accessing. The start and stop commands frame the data-packet
and the repeat start condition is allowed if necessary.
SC900 Limitations to the I2C Specifications
Seven-bit addressing is required for communicating with the SC900; ten-bit addressing is not allowed. Any general
call address will be ignored by the SC900. Note that the SC900 is not CBUS compatible. Finally, the SC900 can
operate in standard mode (100kbit/s) or fast mode (400kbit/s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com