Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4810EITSTRT Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC4810EITSTRT
Description  High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4810EITSTRT Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC4810EITSTRT Datasheet HTML 16Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 17Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 18Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 19Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 20Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 21Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 22Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 23Page - Semtech Corporation SC4810EITSTRT Datasheet HTML 24Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
 2006 Semtech Corp.
www.semtech.com
SC4810B/E
POWER MANAGEMENT
Outline Drawing - TSSOP-16
REFERENCE JEDEC STD MO-153, VARIATION AB.
e/2
D
bxN
bbb
C A-B D
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
OR GATE BURRS.
2.
4.
3.
NOTES:
1.
-B-
-A-
SIDE VIEW
SEATING
2X N/2 TIPS
aaa C
ccc C
INDICATOR
PIN 1
PLANE
2X
C
B
1
E/2
N
3
2
A
c
L
(L1)
01
DETAIL
SEE DETAIL
A
-H-
0.25
A
0.80
0.05
MIN
DIMENSIONS
MILLIMETERS
4.30
0.45
0.09
4.90
0.19
c
D
e
L1
L
E
E1
01
ccc
aaa
bbb
N
b
A
A2
A1
A2
A1
A
E1
E
0°
0°
8°
.004
.004
.008
H
GAGE
PLANE
-
.026 BSC
.252 BSC
.173
.196
(.039)
.024
16
.169
.018
.003
.192
.007
-
.031
.002
-
-
-
-
-
.177
.030
.047
.042
.006
.007
.201
.012
-
DIM
e
D
INCHES
NOM
MIN
MAX
8°
0.10
0.20
0.10
-
1.20
1.05
0.15
4.50
0.75
0.20
5.10
0.30
4.40
0.65 BSC
6.40 BSC
(1.0)
0.60
16
5.00
-
-
-
-
-
MAX
NOM
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
(.222)
(5.65)
Z
G
Y
P
(C)
4.10
.161
0.65
.026
0.40
.016
1.55
.061
7.20
.283
X
INCHES
DIMENSIONS
Z
P
Y
X
DIM
C
G
MILLIMETERS
Land Pattern - TSSOP-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com