Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER50B Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER50B
Description  SMPS PRIMARY I.C.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50B Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER50B Datasheet HTML 1Page - STMicroelectronics VIPER50B Datasheet HTML 2Page - STMicroelectronics VIPER50B Datasheet HTML 3Page - STMicroelectronics VIPER50B Datasheet HTML 4Page - STMicroelectronics VIPER50B Datasheet HTML 5Page - STMicroelectronics VIPER50B Datasheet HTML 6Page - STMicroelectronics VIPER50B Datasheet HTML 7Page - STMicroelectronics VIPER50B Datasheet HTML 8Page - STMicroelectronics VIPER50B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AVALANCHE CHARACTERISTICS
Symb ol
Parameter
Max Valu e
Uni t
ID(a r)
Avalanche Current , Repet itive or Not -Repetitive
(pulse widt h limited by Tj max,
δ < 1%)
(see fig. 12)
TBD
A
E(ar)
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =ID(ar))
(see f ig. 12)
TBD
mJ
ELECTRICAL CHARACTERISTICS (TJ =25
oC, VDD = 13 V, unless otherwise specified)
POWER SECTION
Symb ol
Parameter
T est Con ditio ns
Mi n.
Typ .
Max.
Un it
BVDSS
Drain-Source Voltage
ID =1 mA
VCOMP =0 V
(see fig. 5)
400
V
IDSS
Of f-St ate Drain Current
VCOMP =0 V
TJ=125
oC
VDS = 400 V
1mA
RDS(on)
St atic Drain Source on
Resistance
ID =2 A
ID =2 A
TJ= 100
oC
1.8
2.2
4.0
Ω
Ω
tf
Fall T ime
ID =0.2 A
Vin = 300 V (1)
(see fig. 3)
100
ns
tr
Rise Time
ID =2 A
Vin = 300 V (1)
(see fig. 3)
50
ns
COSS
Output Capacit ance
VDS = 25 V
150
pF
(1) On Inductive Load, Clamped.
SUPPLY SECTION
Symb ol
Parameter
T est Con ditio ns
Mi n.
Typ .
Max.
Un it
IDDch
St art-up Charging
Current
VDD =5 V
VDS =70 V
(see fig. 2 and fig.15)
-2
mA
IDD0
Operating Supply Current VDD =12 V, FSW =0 KHz
(see fig. 2)
12
16
mA
IDD1
Operating Supply Current VDD =12 V, FSW = 100 KHz
14
mA
IDD2
Operating Supply Current VDD =12 V, FSW = 200 KHz
16
mA
VDDo ff
Undervoltage Shut down
(see fig. 2)
8
V
VDDo n
Undervoltage Reset
(see fig. 2)
11
12
V
VDDhyst
Hysteresis St art -up
(see fig. 2)
2. 4
3
V
VIPER50B/BSP
4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com