Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC615AEVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC615AEVB
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC615AEVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC615AEVB Datasheet HTML 2Page - Semtech Corporation SC615AEVB Datasheet HTML 3Page - Semtech Corporation SC615AEVB Datasheet HTML 4Page - Semtech Corporation SC615AEVB Datasheet HTML 5Page - Semtech Corporation SC615AEVB Datasheet HTML 6Page - Semtech Corporation SC615AEVB Datasheet HTML 7Page - Semtech Corporation SC615AEVB Datasheet HTML 8Page - Semtech Corporation SC615AEVB Datasheet HTML 9Page - Semtech Corporation SC615AEVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC615A
Over-Temperature Protection
The over-temperature circuit helps prevent the device
from overheating and experiencing a catastrophic fail-
ure. When the junction temperature exceeds 150°C the
device is disabled. It remains disabled until the junction
temperature drops below this threshold. As with the UVLO
and OVP circuits, hysteresis is included to prevent tog-
gling between modes.
Over-Current Protection
When the SC615A is in 2X charge pump mode, the input
current will be approximately double the required output.
When the steady-state load requires the maximum cur-
rent available in 2X mode, the OCP circuit prevents the
device from overheating due to excessive power dissipa-
tion.
Short-Circuit Current Protection
Short-circuit current protection is provided to limit the
current that can be sourced when the output is shorted
to ground. When a short circuit forces V
OUT to drop below
2V, the SCCP detects the condition and limits the output
current.
Resistor Selection
The ISET resistor selection is critical in generating the
correct current. The value can be chosen to set the Spot-
light mode current or the Flash mode current, but it must
be noted that the two current settings are dependent on
the same resistor. It is recommended that the resistor
be selected to match the desired LED current for Flash
mode. This allows the designer to set the SC615A’s maxi-
mum current and select the package size necessary for
the power dissipation required in Flash mode. The typi-
cal application shown on page 1 uses a 0.5
Ω resistor to
set a flash mode current of 500mA and spotlight mode
current of 200mA. A high precision resistor should be
used to ensure the specified accuracy for LED current.
To avoid malfunction of the charge pump, it is recom-
mended that the resistance seen at the ISET pin remain
constant while the device is active (Flash or Spotlight
mode). Changing the resistance value or the load cur-
rent while the device is active could cause instability that
would result in non-compliant behavior.
The load current return path is from the ISET sense point
through the resistor and back to the ground pins. Resis-
tance in this path adds to the total resistance and has
the effect of reducing the LED current by about 4% per
10mV of DC drop across the return copper trace in flash
mode. For this reason, it is crucial to have a low resis-
tance return path. Place and ground the resistor as close
as possible to the ground pin of the SC615A. The trace
from the ISET pin has virtually no current. The ISET trace
should make contact at the pad of the power sense re-
sistor to minimize the effect of voltage drop between
the LED cathode and the resistor.
Capacitor Selection
The SC615A is designed to use low-ESR ceramic capaci-
tors for the input and output bypass capacitors as well
as the charge pump bucket capacitors. Ideal perfor-
mance is achieved when C1 is exactly equal to C2. It is
recommended that X5R or X7R ceramic capacitors be
used for best performance.
Thermal Resistance
The SC615A package is thermally efficient when the cir-
cuit board layout connects the thermal pad though mul-
tiple vias to the ground plane. The thermal resistance is
rated at 49°C/W and this rating is dependent on the
connection between the thermal pad and the ground
plane. A layout that is done correctly should keep the
junction temperature below the OT limit while operating
the SC615A within the specified electrical conditions for
I
OUT and VISET.
A poor layout may allow the junction tem-
perature to reach the OT limit while in Flash or Spotlight
mode. So, it is critical to maintain adequate ground plane
around the device to maximize heat transfer and avoid
over-temperature shutdown.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com