Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1218 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1218
Description  High Speed Synchronous MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1218 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1218 Datasheet HTML 1Page - Semtech Corporation SC1218 Datasheet HTML 2Page - Semtech Corporation SC1218 Datasheet HTML 3Page - Semtech Corporation SC1218 Datasheet HTML 4Page - Semtech Corporation SC1218 Datasheet HTML 5Page - Semtech Corporation SC1218 Datasheet HTML 6Page - Semtech Corporation SC1218 Datasheet HTML 7Page - Semtech Corporation SC1218 Datasheet HTML 8Page - Semtech Corporation SC1218 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1218
Absolute Maximum Ratings
Electrical Characteristics
Unless specified: T
A = 25°C; VIN = 12V.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
y
l
p
p
u
S
r
e
w
o
P
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
52
14
1V
V
N
I
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
Q
V
0
=
O
C
;
V
5
=
N
E5
3
.
34
.
4A
m
V
5
=
O
C
;
V
5
=
N
E9
.
24
A
m
V
0
=
N
E5
3
.
15
.
2A
m
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied.
Notes:
(1) Pulse width measured at 10% of the triangular spike waveform.
(2) This device is ESD sensitive. Use of standard ESD handling precautions is required.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
x
a
Ms
t
i
n
U
V
N
I
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
6
1
o
t
3
.
0
-V
N
R
D
o
t
T
S
B
V
N
R
D
-
T
S
B
6
1
o
t
3
.
0
-V
V
o
t
T
S
B
N
I
V
N
I
V
-
T
S
B
6
1
o
t
3
.
0
-V
N
R
D
o
t
G
TV
N
R
D
-
G
T
6
1
o
t
3
.
0
-V
e
s
l
u
P
N
R
D
o
t
G
TV
E
S
L
U
P
-
N
R
D
-
G
T
V
K
A
E
P
t
h
ti
w
E
S
L
U
P
s
n
0
2
<
)
1
(
2
-V
D
N
G
P
o
t
T
S
BV
D
N
G
P
-
T
S
B
V
o
t
3
.
0
-
N
I
6
1
+V
e
s
l
u
P
D
N
G
P
o
t
T
S
BV
E
S
L
U
P
-
D
N
G
P
-
T
S
B
t
E
S
L
U
P
s
n
0
2
<8
3V
D
N
G
P
o
t
N
R
DV
D
N
G
P
-
N
R
D
V
T
S
B
V
-
N
R
D
V
0
1
=V
o
t
2
-
N
I
6
1
+V
e
s
l
u
P
D
N
G
P
o
t
N
R
DV
E
S
L
U
P
-
D
N
G
P
-
N
R
D
V
K
A
E
P
t
h
ti
w
E
S
L
U
P
s
n
0
0
2
<
)
1
(
5
3
o
t
5
-V
V
K
A
E
P
t
h
ti
w
E
S
L
U
P
s
n
0
2
<
)
1
(
5
3
o
t
8
-V
D
N
G
P
o
t
G
BV
D
N
G
P
-
G
B
V
o
t
3
.
0
-
N
I
3
.
0
+V
e
s
l
u
P
D
N
G
P
o
t
G
BV
E
S
L
U
P
-
D
N
G
P
-
G
B
V
K
A
E
P
t
h
ti
w
E
S
L
U
P
s
n
0
2
<
)
1
(
5
.
3
-V
t
u
p
n
I
M
W
PO
CV
o
t
3
.
0
-
N
I
3
.
0
+V
t
u
p
n
I
e
l
b
a
n
EN
EV
o
t
3
.
0
-
N
I
3
.
0
+V
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
s
u
o
u
n
i
t
n
o
C
T
A
5
2
=
o
T
,
C
J
5
2
1
=
o
C
P
D
8
-
C
I
O
S5
.
0
W
8
-
Q
P
L
M6
5
.
2
e
s
a
C
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
8
-
C
I
O
S0
4
o
W
/
C
8
-
Q
P
L
M8
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
JT
J
0
5
1
o
t
0
o
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-
o
C
.
c
e
S
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
8
-
C
I
O
S0
0
3
o
C
8
-
Q
P
L
M0
6
2
o
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com