Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4905AIMSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4905AIMSTR
Description  High Performance Voltage Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4905AIMSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4905AIMSTR Datasheet HTML 7Page - Semtech Corporation SC4905AIMSTR Datasheet HTML 8Page - Semtech Corporation SC4905AIMSTR Datasheet HTML 9Page - Semtech Corporation SC4905AIMSTR Datasheet HTML 10Page - Semtech Corporation SC4905AIMSTR Datasheet HTML 11Page - Semtech Corporation SC4905AIMSTR Datasheet HTML 12Page - Semtech Corporation SC4905AIMSTR Datasheet HTML 13Page - Semtech Corporation SC4905AIMSTR Datasheet HTML 14Page - Semtech Corporation SC4905AIMSTR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
SC4905A/B
POWER MANAGEMENT
 2006 Semtech Corp.
www.semtech.com
11
Application Information (Cont.)
START UP SEQUENCE
Initially during the power up, the SC4905 is in the under
voltage lock out condition. As the VDD supply exceeds
the UVLO limit of the SC4905 and the VFF pin exceeds
the line under voltage lock out of about 1.2V, the inter-
nal reference, oscillator, and logic circuitry are powered
up.
The OUT driver is not enabled until the line under voltage
lock out limit is reached. At that point, once the FB pin
has reached above 600mV, the output driver is enabled.
As the output voltage starts to increase, the error signal
from the error amplifier starts to decrease. If isolation is
required, the error amplifier output can drive the LED of
the opto isolator. The output of the opto is connected in
a common emitter configuration with a pull up resistor to
a reference voltage connected to the FB pin of the
SC4905. The voltage level at the FB pin provides the duty
cycle necessary to achieve regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com