Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NORPS-13 Datasheet(PDF) 1 Page - Silonex Inc.

Part # NORPS-13
Description  CdS Photocell Plastic Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILONEX [Silonex Inc.]
Direct Link  http://www.silonex.com/
Logo SILONEX - Silonex Inc.

NORPS-13 Datasheet(HTML) 1 Page - Silonex Inc.

  NORPS-13 Datasheet HTML 1Page - Silonex Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5200 St. Patrick St., Montreal
The Old Railway, Princes Street
Que., H4E 4N9, Canada
Ulverston, Cumbria, LA12 7NQ, UK
Tel: 514-768-8000
Tel: 01 229 581 551
Fax: 514-768-8889
Fax: 01 229 581 554
QF-84 Rev 1
NORPS-13
CdS Photocell
Plastic Package
Description
The NORPS-13 is a CdS photoconductive cell
with a spectral response similar to that of the
human
eye,
encapsulated
in
a
moisture-
resistant coating and enclosed in a plastic
casing.
Absolute Ratings Maximum
Operating Temperature
-60 to +75
°C
Storage Temperature
-60 to +75
°C
Voltage (peak AC or DC)
250 Volts
Power Dissipation at 30
°C (2)
250mW
Electrical Characteristics (TA=25
°C unless otherwise noted)
Symbol Parameter
Min.
Typ.
Max.
Units Test Conditions
RL
Light Resistance
2.4
5.6
k
Ω
1 ftc. (1)
RD
Dark Resistance
0.5
M
Ω
15 sec. after removal of test light.
λ
P
Spectral Peak
550
nm
Specifications subject to change without notice
104562 REV 0
Notes: (1) Cells light adapted at 30 to 50 Ftc for 16 hrs minimum prior to electrical tests.
(2) Derate linearly to zero at 75
°C.


Similar Part No. - NORPS-13

ManufacturerPart #DatasheetDescription
logo
Silonex Inc.
NORPS-11 SILONEX-NORPS-11 Datasheet
67Kb / 1P
CdS Photocell Plastic Package
NORPS-12 SILONEX-NORPS-12 Datasheet
65Kb / 1P
CdS Photocell Plastic Package
logo
Luna Innovations Incorp...
NORPS-12 LUNA-NORPS-12 Datasheet
193Kb / 2P
Plastic Package Cds Photocells
More results

Similar Description - NORPS-13

ManufacturerPart #DatasheetDescription
logo
Silonex Inc.
NORPS-12 SILONEX-NORPS-12 Datasheet
65Kb / 1P
CdS Photocell Plastic Package
NORPS-11 SILONEX-NORPS-11 Datasheet
67Kb / 1P
CdS Photocell Plastic Package
logo
Luna Innovations Incorp...
NS5152 LUNA-NS5152 Datasheet
70Kb / 2P
Ceramic Package Photocell
NSL-4132 LUNA-NSL-4132 Datasheet
76Kb / 2P
Ceramic Package Photocell
NSL-4142 LUNA-NSL-4142 Datasheet
72Kb / 2P
Ceramic Package Photocell
NSL-4172 LUNA-NSL-4172 Datasheet
72Kb / 2P
Ceramic Package Photocell
NSL-5122 LUNA-NSL-5122 Datasheet
70Kb / 2P
Ceramic Package Photocell
NSL5162 LUNA-NSL5162 Datasheet
97Kb / 2P
Ceramic Package Photocell
NSL5542 LUNA-NSL5542 Datasheet
77Kb / 2P
Ceramic Package Photocell
NORPS-12 LUNA-NORPS-12 Datasheet
193Kb / 2P
Plastic Package Cds Photocells
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com