Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7218 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7218
Description  300mA TinyPowerTM LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7218 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7218 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7218 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7218 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7218 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7218 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7218 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7218 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7218 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7218 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
· Increased Output voltage Circuit
V= V
(1+
R2
R1
)+ I
R2
OUT
XX
SS
· Dual Supply Circuit
V= V
+ V
OUT1
XX2
XX1
V= V
OUT2
XX2
· Tracking Voltage Regulator
-V = V x
R
R
OO
A
B
HT72XX Series
Rev. 1.10
4
June 20, 2007
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
G N D
R 1
H T 7 2 X X
S e r i e s
C 2
1 0 m F
V I N
V O U T
V O U T
V I N
V X X
I S S
C 1
1 0 m F
R 2
G N D
I C 1
I C 2
C o m m o n
C o m m o n
R 1
H T 7 2 X X
S e r i e s
H T 7 2 X X
S e r i e s
C 2
1 0 m F
V I N
V I N
C 3
1 0 m F
V O U T 1
V O U T 2
V I N
C 1
1 0 m F
V X X 1
V X X 2
V O U T
S i n g l e p o i n t G N D
G N D
V O U T
G N D
R B
H T 7 2 X X
S e r i e s
V I N
V O U T
V I N
V O U T
S i n g l e p o i n t G N D
C 1
1 0 m F
R A
C 2
1 0 m F
- V O
- V I N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com