Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS132 Datasheet(PDF) 2 Page - SYC Electronica

Part # 74LS132
Description  Quad 2-Input NAND Gate with Schmitt Trigger Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS132 Datasheet(HTML) 2 Page - SYC Electronica

  74LS132 Datasheet HTML 1Page - SYC Electronica 74LS132 Datasheet HTML 2Page - SYC Electronica 74LS132 Datasheet HTML 3Page - SYC Electronica 74LS132 Datasheet HTML 4Page - SYC Electronica 74LS132 Datasheet HTML 5Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the “Electrical
Characteristics” table are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: VCC = 5V
Note 3: All typicals are at VCC = 5V, TA = 25°C.
Note 4: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Switching Characteristics
at VCC 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VT+
Positive-Going Input
1.4
1.6
1.9
V
Threshold Voltage (Note 2)
VT−
Negative-Going Input
0.5
0.8
1
V
Threshold Voltage (Note 2)
HYS
Input Hysteresis (Note 2)
0.4
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 3)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max,
2.7
3.4
V
Output Voltage
VI = VT− Min
VOL
LOW Level
VCC = Min, IOL = Max,
0.35
0.5
Output Voltage
VI = VT+ Max
V
IOL = 4 mA, VCC = Min
0.25
0.4
IT+
Input Current at Positive-Going Threshold
VCC = 5V, VI = VT+
−0.14
mA
IT−
Input Current at Negative-Going Threshold
VCC = 5V, VI = VT−
−0.18
mA
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.4
mA
IOS
Short Circuit Output Current
VCC = Max (Note 4)
−20
−100
mA
ICCH
Supply Current with Outputs HIGH
VCC = Max
5.9
11
mA
ICCL
Supply Current with Outputs LOW
VCC = Max
8.2
14
mA
RL = 2 kΩ
Symbol
Parameter
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
5
22
8
25
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
522
10
33
ns
HIGH-to-LOW Level Output
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com