Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS74 Datasheet(PDF) 1 Page - SYC Electronica

Part # 74LS74
Description  Dual D-Type Positive Edge - Triggered Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS74 Datasheet(HTML) 1 Page - SYC Electronica

  74LS74 Datasheet HTML 1Page - SYC Electronica 74LS74 Datasheet HTML 2Page - SYC Electronica 74LS74 Datasheet HTML 3Page - SYC Electronica 74LS74 Datasheet HTML 4Page - SYC Electronica 74LS74 Datasheet HTML 5Page - SYC Electronica 74LS74 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dual D-Type Positive
Edge-Triggered Flip-Flop
The SN74LS74A dual edge-triggered flip-flop utilizes Schottky
TTL circuitry to produce high speed D-type flip-flops. Each flip-flop
has individual clear and set inputs, and also complementary Q and Q
outputs.
Information at input D is transferred to the Q output on the
positive-going edge of the clock pulse. Clock triggering occurs at a
voltage level of the clock pulse and is not directly related to the
transition time of the positive-going pulse. When the clock input is at
either the HIGH or the LOW level, the D input signal has no effect.
MODE SELECT – TRUTH TABLE
OPERATING MODE
INPUTS
OUTPUTS
OPERATING MODE
SD
SD
D
Q
Q
Set
Reset (Clear)
*Undetermined
Load “1” (Set)
Load “0” (Reset)
L
H
L
H
H
H
L
L
H
H
X
X
X
h
l
H
L
H
H
L
L
H
H
L
H
*
Both outputs will be HIGH while both SD and CD are LOW, but the output
states are unpredictable if SD and CD go HIGH simultaneously. If the levels
at the set and clear are near VIL maximum then we cannot guarantee to meet
the minimum level for VOH.
H, h = HIGH Voltage Level
L, I = LOW Voltage Level
X = Don’t Care
l, h (q) = Lower case letters indicate the state of the referenced input
i, h (q) = (or output) one set-up time prior to the HIGH to LOW clock transition.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS74AN
14 Pin DIP
2000 Units/Box
SN74LS74AD
14 Pin
SOIC
D SUFFIX
CASE 751A
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 646
14
1
14
1
74LS74
www.sycelectronica.com.ar


Similar Part No. - 74LS74

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS74 MOTOROLA-74LS74 Datasheet
73Kb / 3P
DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
74LS74 NSC-74LS74 Datasheet
136Kb / 6P
Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
ON Semiconductor
74LS74 ONSEMI-74LS74 Datasheet
102Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
74LS74 FAIRCHILD-74LS74 Datasheet
67Kb / 6P
Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Hitachi Semiconductor
74LS74 HITACHI-74LS74 Datasheet
69Kb / 6P
Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
More results

Similar Description - 74LS74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI-SN74AUC2G80 Datasheet
250Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com