Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS75 Datasheet(PDF) 3 Page - SYC Electronica

Part # 74LS75
Description  Quad Latch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS75 Datasheet(HTML) 3 Page - SYC Electronica

  74LS75 Datasheet HTML 1Page - SYC Electronica 74LS75 Datasheet HTML 2Page - SYC Electronica 74LS75 Datasheet HTML 3Page - SYC Electronica 74LS75 Datasheet HTML 4Page - SYC Electronica 74LS75 Datasheet HTML 5Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Switching Characteristics
at VCC = 5V and TA = 25°C
From (Input)
RL = 2 kΩ
Symbol
Parameter
To (Output)
CL = 15 pF
CL = 50 pF
Units
MinMax
MinMax
tPLH
Propagation Delay Time
D to Q
27
30
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
D to Q
17
25
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
D to Q
20
25
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
D to Q
15
20
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable to Q
27
30
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable to Q
25
30
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable to Q
30
30
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable to Q
15
20
ns
HIGH-to-LOW Level Output
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com