Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7225 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7225
Description  300mA TinyPowerTM LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7225 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7225 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7225 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7225 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7225 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7225 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7225 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7225 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7225 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7225 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics
Tj=25
°C, VIN=VOUT+1.0V, IO=1mA, unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
¾¾
¾
8V
DVOUT
Output Voltage Tolerance
¾-2
¾
2%
ISS
Quiescent Current
IO=0mA
¾
57
mA
DVLOAD
Load Regulation (Note1)
1mA
£IOUT£300mA
¾
0.004
0.008
%/mA
VDROP
Dropout Voltage (Note2)
DVOUT=2%
IOUT=300mA
VO
£1.8V
¾
800
1200
mV
2.5V
£VO£2.7V
¾
350
400
3.0V
£VO£5.0V
¾
240
300
DVLINE
Line Regulation
VOUT+1.0V
£VIN£8.0V
¾
0.2
0.3
%/V
ILIM
Current Limit (Note3)
DVOUT=10%
300
¾¾
mA
Temperature Coefficient
-40°C<Ta<85°C
¾±0.8
¾
mV/
°C
Note:
1. Load regulation is measured at a constant junction temperature, using pulse testing with a low ON time and
is guaranteed up to the maximum power dissipation. Power dissipation is determined by the input/output
differential voltage and the output current. Guaranteed maximum power dissipation will not be available over
the full input/output range. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX)
- Ta) / qJA.
2. Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the
output voltage from the value at VIN =VOUT+1V with a fixed load.
3. Current limit is measured by pulsing for a short time.
Application Circuits
Basic Circuits
Typical Application Circuits
· High output current positive voltage regulator
HT72XX Series
Rev. 1.10
3
June 20, 2007
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
G N D
T r 1
R 1
H T 7 2 X X
S e r i e s
C 2
1 0 m F
C 1
1 0 m F
V I N
V O U T
V O U T
V I N
I C 1
I R E G
I O
R 1 =
V B E 1
I C 1
( 1 + b )
I R E G -
I O = I C 1 + I R E G
,
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
G N D
H T 7 2 X X
S e r i e s
C 2
2 . 2 m F
C 1
1 m F
V I N
V O U T
V O U T
V I N
D V O U T
D T a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com