Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS90M Datasheet(PDF) 1 Page - SYC Electronica

Part # DM74LS90M
Description  Decade and Binary Counters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

DM74LS90M Datasheet(HTML) 1 Page - SYC Electronica

  DM74LS90M Datasheet HTML 1Page - SYC Electronica DM74LS90M Datasheet HTML 2Page - SYC Electronica DM74LS90M Datasheet HTML 3Page - SYC Electronica DM74LS90M Datasheet HTML 4Page - SYC Electronica DM74LS90M Datasheet HTML 5Page - SYC Electronica DM74LS90M Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LS90
Decade and Binary Counters
General Description
Each of these monolithic counters contains four master-
slave flip-flops and additional gating to provide a divide-by-
two counter and a three-stage binary counter for which the
count cycle length is divide-by-five for the DM74LS90.
All of these counters have a gated zero reset and the
DM74LS90 also has gated set-to-nine inputs for use in
BCD nine’s complement applications.
To use their maximum count length (decade or four bit
binary), the B input is connected to the QA output. The
input count pulses are applied to input A and the outputs
are as described in the appropriate truth table. A symmetri-
cal
divide-by-ten
count
can
be
obtained
from
the
DM74LS90 counters by connecting the QD output to the A
input and applying the input count to the B input which
gives a divide-by-ten square wave at output QA.
Features
s Typical power dissipation 45 mW
s Count frequency 42 MHz
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Reset/Count Truth Table
Order Number
Package Number
Package Description
DM74LS90M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
DM74LS90N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Reset Inputs
Output
R0(1)
R0(2)
R9(1)
R9(2)
QD
QC
QB
QA
H
H
L
X
LLLL
H
H
X
L
LLLL
XX
H
H
H
L
L
H
X
L
X
L
COUNT
L
X
L
X
COUNT
L
X
X
L
COUNT
X
L
L
X
COUNT
www.sycelectronica.com.ar


Similar Part No. - DM74LS90M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS90M NSC-DM74LS90M Datasheet
131Kb / 10P
Decade and Binary Counters
logo
Fairchild Semiconductor
DM74LS90M FAIRCHILD-DM74LS90M Datasheet
61Kb / 6P
Decade and Binary Counters
More results

Similar Description - DM74LS90M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM5490 NSC-DM5490 Datasheet
133Kb / 10P
Decade and Binary Counters
DM74LS90 NSC-DM74LS90 Datasheet
131Kb / 10P
Decade and Binary Counters
logo
Texas Instruments
SN54290 TI-SN54290 Datasheet
297Kb / 8P
DECADE AND 4-BIT BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
DUAL 4-BIT DECADE AND BINARY COUNTERS
logo
Fairchild Semiconductor
DM7490A FAIRCHILD-DM7490A Datasheet
47Kb / 5P
Decade and Binary Counters
DM74LS90 FAIRCHILD-DM74LS90 Datasheet
61Kb / 6P
Decade and Binary Counters
logo
National Semiconductor ...
5490 NSC-5490 Datasheet
175Kb / 7P
Decade, and Binary Counters
logo
Texas Instruments
SN5490A TI-SN5490A_08 Datasheet
973Kb / 23P
DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
DECADE AND 4-BIT BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com