Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7230 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7230
Description  300mA TinyPowerTM LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7230 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7230 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7230 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7230 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7230 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7230 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7230 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7230 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7230 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7230 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Pin Assignment
Absolute Maximum Ratings*
Maximum Supply Voltage ............................ up to 8.5V
Storage Temperature ...........................
-50°Cto125°C
Operating Temperature ..........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
²*² Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings in-
dicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits.
The guaranteed specifications apply only for the test conditions listed.
Thermal Information
Symbol
Parameter
Package
Max.
Unit
qJA
Thermal Resistance
(Junction to Ambient)
(Assume no ambient airflow,
no heat sink)
SOT-23
667
°C/W
SOT-89
200
°C/W
TO-92
200
°C/W
PD
Power Dissipation
SOT-23
0.15
W
SOT-89
0.50
W
TO-92
0.50
W
Note: PD is measured at Ta= 25
°C
HT72XX Series
Rev. 1.10
2
June 20, 2007
S O T - 2 3
G N D
V O U T
V I N
T o p V i e w
S O T - 8 9
T O - 9 2
V O U T
G N D V I N
H T 7 2 X X
F r o n t V i e w
G N D
V I N
V O U T
H T 7 2 X X
T o p V i e w
7 2 X X
N o t e : F o r l e a d f r e e d e v i c e s , a # m a r k i s s u f f i x e d a t t h e e n d o f t h e d a t e c o d e .
G N D
V O U T
V I N
G N D
V O U T
B o t t o m V i e w
V O U T
G N D V I N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com