Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7233 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7233
Description  300mA TinyPowerTM LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7233 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT7233 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7233 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7233 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7233 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7233 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7233 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7233 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7233 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7233 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3-Pin SOT-89 Outline Dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
173
¾
181
B64
¾
72
C90
¾
102
D35
¾
47
E
155
¾
167
F14
¾
19
G17
¾
22
H
¾
59
¾
I55
¾
63
J14
¾
17
HT72XX Series
Rev. 1.10
6
June 20, 2007
A
E
B
C
D
H
G
F
I
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com