Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K28A Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT82K28A
Description  Win98 Keyboard Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28A Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT82K28A_02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Key code set 1
Key Number
Base Case
Shift+Num
Left-Shift
Right-Shift
Num Lock
75
76
79
80
81
83
84
85
86
89
E0 52
/E0 D2
E0 53
/E0 D3
E0 4B
/E0 CB
E0 47
/E0 C7
E0 4F
/E0 CF
E0 48
/E0 C8
E0 50
/E0 D0
E0 49
/E0 C9
E0 51
/E0 D1
E0 4D
/E0 CD
E0 AA E0 52
/E0 D2 E0 2A
E0 AA E0 53
/E0 D3 E0 2A
E0 AA E0 4B
/E0 CB E0 2A
E0 AA E0 47
/E0 C7 E0 2A
E0 AA E0 4F
/E0 CF E0 2A
E0 AA E0 48
/E0 C8 E0 2A
E0 AA E0 50
/E0 D0 E0 2A
E0 AA E0 49
/E0 C9 E0 2A
E0 AA E0 51
/E0 D1 E0 2A
E0 AA E0 4D
/E0 CD E0 2A
E0 B6 E0 52
/E0 D2 E0 36
E0 B6 E0 53
/E0 D3 E0 36
E0 B6 E0 4B
/E0 CB E0 36
E0 B6 E0 47
/E0 C7 E0 36
E0 B6 E0 4F
/E0 CF E0 36
E0 B6 E0 48
/E0 C8 E0 36
E0 B6 E0 50
/E0 D0 E0 36
E0 B6 E0 49
/E0 C9 E0 36
E0 B6 E0 51
/E0 D1 E0 36
E0 B6 E0 4D
/E0 CD E0 36
E0 2A E0 52
/E0 D2 E0 AA
E0 2A E0 53
/E0 D3 E0 AA
E0 2A E0 4B
/E0 CB E0 AA
E0 2A E0 47
/E0 C7 E0 AA
E0 2A E0 4F
E0 CF E0 AA
E0 2A E0 48
E0 C8 E0 AA
E0 2A E0 50
/E0 D0 E0 AA
E0 2A E0 49
/E0 C9 E0 AA
E0 2A E0 51
E0 D1 E0 AA
E0 2A E0 4D
E0 CD E0 AA
L Win
E0 5B
E0 AA E0 5B
E0 B6 E0 5B
E0 2A E0 5B
/E0 DB
/E0 DB E0 2A
/E0 DB E0 36
/E0 DB E0 AA
R Win
E0 5C
E0 AA E0 5C
E0 B6 E0 5C
E0 2A E0 5C
/E0 DC
/E0 DC E0 2A
/E0 DC E0 36
/E0 DC E0 AA
APP
E0 5D
E0 AA E0 5D
E0 B6 E0 5D
E0 2A E0 5D
/E0 DD
/E0 DD E0 2A
/E0 DD E0 36
/E0 DD E0 AA
When both shift keys are held down:
key number 75
Both Shift
E0 AA E0 B6 E0 52/E0 D2 E0 2A E0 36
Key Number
Base
+Left-Shift
+Right-Shift
95
E0 35
/E0 B5
E0 AA E0 35
/E0 B5 E0 2A
E0 B6 E0 35
/E0 B5 E0 36
when both shift keys are held down:
key number 95
Both Shift
E0 AA E0 B6 E0 35
/E0 B5 E0 2A E0 36
Key Number
Base
+Left-Shift
+Right-Shift
124
E0 2A E0 37
/E0 B7 E0 AA
E0 37
/E0 B7
54/D4
Key Number
Base
+Ctrl
126
E1 1D 45 E1 9D C5
E0 46 E0 C6
This key is not typematic, all associated scan codes occur on the make code.
Key
Make
Break
Windows Virtual Key
Power
E0 5E
E0 DE
N/A
Sleep
E0 5F
E0 DF
N/A
Wake
E0 63
E0 E3
N/A
HT82K28A
Rev. 1.30
8
June 27, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com