Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K28A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82K28A
Description  Win98 Keyboard Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82K28A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HT82K28A
Rev. 1.30
4
June 27, 2002
Keys
· For code set 1, 2
All keys except the PAUSE key have a make and
break code. The PAUSE key has a make code only.
The defaults except for PAUSE are make/break/
typematic. In mode 1, 2 and 3 the key type may be
changed to be one of the following:
¨ Typematic
¨ Make/break
¨ Make
¨ Typematic/make/break
All keys except PAUSE are typematic. Typematic
means that the KB keeps sending make codes if the
key is held down.
The data report is according to the typematic
rate/delay:
Default values are: delay 500ms
± 20%
10.9 char/sec
± 20%
The typematic rate and delay can be modified with
the F3 command.
¨ If two or more keys are held down, only the last key
pressed repeats at the typematic rate.
Typematic operation stops when the last key
pressed is released even if other keys are still held
down.
If a key is pressed and held down while keyboard
transmission is inhibited, only the first make code is
stored in the buffer overflow as a result of typematic
action.
Four key types are supported as shown:
Key type
press
hold
release
Typematic
Make/break
Make
Typematic/
make/break
make1
make1
make1
make1
make2
X
X
make2
X
break
X
break
Note:
²make1² send out only one make code.
²Make2² continue sending out make codes
until key is released.
²X² nothing sent out.
· For code set 3
¨ Typematic
¨ Make/break
¨ Make
¨ Typematic/make/break
Can be configured by command
Time interval between phantoms
The time interval between two continuous error codes
00/FF sent while phantom detected= 1000ms
± 20%
The keyboard should respond within 20ms, except
when performing the BAT or executing a reset com-
mand.
m o d e 1
m o d e 2
m o d e 3
System command table
Command
mode 1
mode 2
mode 3
FF
- reSset
FE
- resend
FD
- set key type make
FC
- set key type make/break
FB
- set key type typematic
FA
- set all keys typematic/make/break
F9
- set all keys make
F8
- set all keys make/break
F7
- set all keys typematic
F6
- set default
F5
- default disabled
F4
- enable
F3
- set typematic rate/delay
F2
- Read ID
F1
-
F0
- select alternate scan codes
EF
-
EE
- Echo
ED
- set/reset status indicators
y
y
y
y
y
y
y
y
y
y
y
y
y
y
x
y
x
y
y
y
y
y
y
y
y
y
y
y
y
y
y
y
y
x
y
x
y
y
y
y
y
y
y
y
y
y
y
y
y
y
y
y
x
y
x
y
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com