Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC338A Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC338A
Description  Ultra Low Output Voltage Dual Linear FET Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC338A Datasheet(HTML) 3 Page - Semtech Corporation

  SC338A Datasheet HTML 1Page - Semtech Corporation SC338A Datasheet HTML 2Page - Semtech Corporation SC338A Datasheet HTML 3Page - Semtech Corporation SC338A Datasheet HTML 4Page - Semtech Corporation SC338A Datasheet HTML 5Page - Semtech Corporation SC338A Datasheet HTML 6Page - Semtech Corporation SC338A Datasheet HTML 7Page - Semtech Corporation SC338A Datasheet HTML 8Page - Semtech Corporation SC338A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
 2004 Semtech Corp.
www.semtech.com
SC338(A)
POWER MANAGEMENT
Notes:
(1) V
PWR = input voltage to pass device drains (or sources depending upon orientation of FETs).
(2) If V
TH(UV) is exceeded for longer than 50µs (nom.) the protection circuitry will shut down that output.
(3) During startup only, V
TH(PGD) is -6% (typ.), then switches to -12% (typ.).
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
.
t
n
o
C
(
N
E
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
e
l
b
a
n
EI
N
E
V
N
E
V
0
=0
A
µ
V
N
I
V
=
N
E
V
2
1
r
o
V
5
=
1
-1
+
J
D
A
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
t
s
u
j
d
AI
J
D
A
V
J
D
A
V
5
.
0
=
0
0
1
-
0
0
0
1
+
A
n
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
RV
J
D
A
%
5
.
2
-
0
0
5
.
0
%
5
.
2
+
V
C
°
0
:
y
l
n
o
A
8
3
3
C
S
≤ T
A ≤
C
°
5
8
+
%
5
.
1
-%
5
.
1
+
V
R
D
t
n
e
r
r
u
C
t
u
p
t
u
OI
V
R
D
p
u
t
r
a
t
s
,
g
n
i
c
r
u
o
S
V
li
t
n
u
(
)
D
G
P
(
H
T
)
d
e
h
c
a
e
r
s
i
0
1A
µ
p
u
t
r
a
t
s
r
e
tf
a
,
g
n
i
c
r
u
o
S
7
.
0
0
.
2A
m
g
n
i
k
n
i
S
0
0
4
0
5
7A
µ
e
g
a
tl
o
V
t
u
p
t
u
OV
V
R
D
I
,
n
O
ll
u
F
V
R
D
V
,
A
m
0
=
N
I
V
2
1
=
6
.
6
9
.
6V
I
,
n
O
ll
u
F
V
R
D
V
,
A
m
0
=
N
I
V
5
=
0
7
.
4
5
8
.
4
n
o
i
t
c
e
t
o
r
P
e
g
a
t
l
o
V
r
e
d
n
U
d
l
o
h
s
e
r
h
T
p
ir
T
)
2
(
V
)
V
U
(
H
T
n
i
p
J
D
A
t
a
d
e
r
u
s
a
e
M
0
4
0
5
0
6
V
%
J
D
A
D
G
P
d
l
o
h
s
e
r
h
T
d
o
o
G
r
e
w
o
P
)
3
(
V
)
D
G
P
(
H
T
n
i
p
J
D
A
t
a
d
e
r
u
s
a
e
M
5
1
-
2
1
-
9
-
V
%
J
D
A
e
g
a
tl
o
V
w
o
L
c
i
g
o
L
t
u
p
t
u
OV
D
G
P
V
J
D
A
I
,
V
4
.
0
=
D
G
P
A
m
1
-
=
4
.
0
V
e
g
a
k
a
e
L
d
o
o
G
r
e
w
o
P
t
n
e
r
r
u
C
I
D
G
P
V
J
D
A
V
0
,
V
5
.
0
=
≤ V
D
G
P
≤ V
N
I
1
-
0
1
+
A
µ
t
r
a
t
S
t
f
o
S
e
m
i
T
e
s
i
R
t
u
p
t
u
O
V
%
0
1
T
U
O
V
%
0
9
o
t
T
U
O
,
V
T
U
O
V
5
0
.
1
=
t
r
C
D
N
G
-
V
R
D
d
e
c
a
l
p
t
o
n
=0
5
1s
µ
C
D
N
G
-
V
R
D
F
n
0
1
=0
5
8
Electrical Characteristics (Cont.)
Unless specified: T
A = 25°C, VIN = VEN = 5V ± 5%, VPWR
(1)
= 1.5V
± 5%, 0A
≤ I
OUT ≤ 3A.
Values in bold apply over full operating ambient temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com