Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC905 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC905
Description  CDMA Cellular Phone Power Management IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC905 Datasheet HTML 10Page - Semtech Corporation SC905 Datasheet HTML 11Page - Semtech Corporation SC905 Datasheet HTML 12Page - Semtech Corporation SC905 Datasheet HTML 13Page - Semtech Corporation SC905 Datasheet HTML 14Page - Semtech Corporation SC905 Datasheet HTML 15Page - Semtech Corporation SC905 Datasheet HTML 16Page - Semtech Corporation SC905 Datasheet HTML 17Page - Semtech Corporation SC905 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905
Digital LDO Voltage Table A
A 5-bit linear DAC controls the output voltage of each LDO. The DAC and error-amp gain are scaled so that the LSB size
at the output is 50mV. Output voltage can be set by writing the proper code to the desired LDO register. See Table A
for the bitcodes and their corresponding voltages.
TABLE A - Output Voltage Code Bits for VCORE, VPAD, VMOT and VCAM
X4
X3
X2
X1
X0
LDO Output
Voltage
0
0
0
0
0
1.35V
0
0
0
0
1
1.40V
0
0
0
1
0
1.45V
0
0
0
1
1
1.50V
0
0
1
0
0
1.55V
0
0
1
0
1
1.60V
0
0
1
1
0
1.65V
0
0
1
1
1
1.70V
0
1
0
0
0
1.75V
0
1
0
0
1
1.80V
0
1
0
1
0
1.85V
0
1
0
1
1
1.90V
0
1
1
0
0
1.95V
0
1
1
0
1
2.00V
0
1
1
1
0
2.05V
0
1
1
1
1
2.10V
1
0
0
0
0
2.15V
1
0
0
0
1
2.20V
1
0
0
1
0
2.25V
1
0
0
1
1
2.30V
1
0
1
0
0
2.35V
1
0
1
0
1
2.40V
1
0
1
1
0
2.45V
1
0
1
1
1
2.50V
1
1
0
0
0
2.55V
1
1
0
0
1
2.60V
1
1
0
1
0
2.65V
1
1
0
1
1
2.70V
1
1
1
0
0
2.75V
1
1
1
0
1
2.80V
1
1
1
1
0
2.85V
1
1
1
1
1
2.90V
Register Map (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com