Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC905EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC905EVB
Description  CDMA Cellular Phone Power Management IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC905EVB Datasheet HTML 1Page - Semtech Corporation SC905EVB Datasheet HTML 2Page - Semtech Corporation SC905EVB Datasheet HTML 3Page - Semtech Corporation SC905EVB Datasheet HTML 4Page - Semtech Corporation SC905EVB Datasheet HTML 5Page - Semtech Corporation SC905EVB Datasheet HTML 6Page - Semtech Corporation SC905EVB Datasheet HTML 7Page - Semtech Corporation SC905EVB Datasheet HTML 8Page - Semtech Corporation SC905EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied.
Parameter
Symbol
Maximum
Units
Input Supply Voltage
V
IN
-0.3 to +7
V
Digital Input Voltage
V
DIG
-0.3 to V
IN+0.3
V
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Operating Junction Temperature Range
T
J
-40 to +125
°C
Peak IR Reflow Temperature
T
LEAD
260
°C
Storage Temperature
T
STG
-60 to +150
°C
Thermal Resistance Junction to Ambient(1)
θ
JA
26
°C/W
ESD Protection Level(2)
ESD
2
kV
Unless otherwise noted V
IN = 3.7V, TA = -40 to +85
°
C. Typical values are at T
A = +25
°
C.
Parameter
Symbol
Condition
Min
Typ
Max
Units
General
Supply Voltage
V
IN
2.7
5.5
V
Shutdown Current
I
SD
ON = 0V, HFPWR = 0V, PGOOD = 0V
1
μA
Quiescent Supply Current
I
SU
Default Start-up Mode
300
μA
I
STBY
I2C, V
REF Active, All Outputs Disabled
30
60
μA
Supply Bypass Capacitor
C
VCC
At Each Power Input Pin
1
μF
Start-Up Time
t
SU
C
BP = 0.1μF25
ms
Under-Voltage Lockout
UVLO
Descending, Hysteresis = 50mV
2.5
V
Over-Temperature
OT
Hysteresis = 20°C
160
°C
Digital Inputs
Digital Input Voltage(1)
V
IL
0.4
V
V
IH
1.25
V
Digital Input Current
I
DIG
Logic Level High or Low
-0.2
0.2
μA
Digital Outputs
Digital Output Voltage(2)
V
OL
I
SINK = 1.2mA
2
10
%VPAD
V
OH
I
SOURCE = 0.5mA, VPAD ≥ 1.8V
90
98
%VPAD
LDO Regulator (CORE) - 300mA
Output Voltage Accuracy(3)
∆V
OUT
1.35V ≤ V
OUT ≤ 2.90V, IOUT = 1mA,
V
OUT +0.35V ≤ VIN ≤ 5.5V
-75
+75
mV
Current Limit
I
LIM
V
CORE = 0V
350
900
mA
Default At Start-Up: ON
V
OUT-HI
VCSEL - High
1.80
V
V
OUT-LO
VCSEL - Low
1.35
V
(1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad as per JESD51 standards.
(2) Tested according to JEDEC standard JESD22-A114-B.
Electrical Characteristics
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com