Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC338AIMSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC338AIMSTRT
Description  Ultra Low Output Voltage Dual Linear FET Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC338AIMSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC338AIMSTRT Datasheet HTML 5Page - Semtech Corporation SC338AIMSTRT Datasheet HTML 6Page - Semtech Corporation SC338AIMSTRT Datasheet HTML 7Page - Semtech Corporation SC338AIMSTRT Datasheet HTML 8Page - Semtech Corporation SC338AIMSTRT Datasheet HTML 9Page - Semtech Corporation SC338AIMSTRT Datasheet HTML 10Page - Semtech Corporation SC338AIMSTRT Datasheet HTML 11Page - Semtech Corporation SC338AIMSTRT Datasheet HTML 12Page - Semtech Corporation SC338AIMSTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
 2004 Semtech Corp.
www.semtech.com
SC338(A)
POWER MANAGEMENT
allowable voltage droop. Therefore with dI = 2.5A,
t = 1µs, and dV = 13.1mV:
F
191
10
1
.
13
10
1
5
.
2
C
3
6
)
MIN
(
BULK
µ
=
=
So if we use 1% V
OUT set resistors we would select 2 x
>100µF, 12m
Ω POSCAPs for output capacitance (which
assumes that local ceramic bypass capacitors will
absorb the balance of the (6 - 5.3)m
Ω ESR
requirement - otherwise 10m
Ω capacitors should be
used).
If we use 0.1% set resistors, then the total DC error
becomes ±2.85% = ±29.9mV, leaving ±2.15% = 22.6mV
for the ESR spike. In this case:
=
=
m
0
.
9
A
5
.
2
mV
6
.
22
R
)
MAX
(
ESR
and
F
111
10
6
.
22
10
1
5
.
2
C
3
6
)
MIN
(
BULK
µ
=
=
So for 0.1% resistors we could use 2 x 100µF, 18m
POSCAPs for output capacitance, or 1 x >100µF, 10m
POSCAP.
Obviously this is a very severe example, since the output
voltage is so low and therefore the allowable window is
very small. See solution 2 below for an alternate
solution. For higher output voltages the components
required will be less stringent.
The input capacitance needs to be large enough to stop
the input supply from collapsing below -5% (i.e. the
design minimum) during output load steps. If the input to
the pass MOSFET is not local to the supply bulk
capacitance then additional bulk capacitance may be
required.
MOSFET selection: since the input voltage to the
SC338(A) is 5V±5%, the minimum available gate drive
is:
V
3
.
3
)
1025
.
1
4
.
4
(
V
GS
=
=
So a MOSFET rated for V
GS = 2.7V will be required, with
an R
DS(ON)(MAX) (over temp.) given by:
=
=
=
m
36
5
.
2
)
05
.
1
14
.
1
(
I
)
V
V
(
R
)
MAX
(
OUT
OUT
)
MIN
(
IN
)
MAX
)
ON
(
DS
Obviously, if a 12V rail is available to power the SC338(A),
the number of FET options increases dramatically.
Applications Infomation (Cont.)
Solution 2: using passive droop.
or similar
1.075V
1.2V +/-5% IN
1.05V @ 2.5A
C1
0.1uF
R1
11.0k
C3
100uF, 25mOhm POSCAP
U1
SC338(A)
1
2
3
4
5
6
7
8
9
10
DRV1
ADJ1
EN1
PGD1
GND
PGD2
EN2
ADJ2
DRV2
IN
R2
10.0k
RDROOP
20mOhm
Q1
IRF7311
4
1
2
3
5
6
7
8
Passive droop allows us to use almost the full output
tolerance window for transients, hence making the
output capacitor selection simpler and (hopefully)
cheaper. The trade-offs are the cost of the droop
resistor versus the reduction in output capacitor cost,
and the reduction in headroom which impacts MOSFET
selection. The top of the feedback chain connects to the
“input” side of R
DROOP, and the output is set for 1.075V.
Thus at no load, V
OUT will be 1.075V (or 1.05V + 2.4%)
and at I
OUT = 2.5A, VOUT will be 1.025V (or 1.05V - 2.4%).
If 1% set resistors are used, the total DC error will be
±3.75% = 39mV. Thus at no load, the minimum output
voltage will be given by:
V
036
.
1
039
.
0
075
.
1
V
)
LOAD
_
NO
_
MIN
(
OUT
=
=
This leaves 38.5mV for transient response, giving:
=
=
m
4
.
15
A
5
.
2
mV
5
.
38
R
)
MAX
(
ESR
and
F
65
10
5
.
38
10
1
5
.
2
C
3
6
)
MIN
(
BULK
µ
=
=
Instead of 2 x 100µF, 12m
Ω capacitors, we can use 1 x
100µF, 15m
Ω capacitor.
Layout Guidelines
The advantages of using the SC338(A) to drive external
MOSFETs are a) that the bandgap reference and control
circuitry are in a die that does not contain high power
dissipating devices and b) that the device itself does not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com