Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2446AEVB Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC2446AEVB
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446AEVB Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC2446AEVB Datasheet HTML 19Page - Semtech Corporation SC2446AEVB Datasheet HTML 20Page - Semtech Corporation SC2446AEVB Datasheet HTML 21Page - Semtech Corporation SC2446AEVB Datasheet HTML 22Page - Semtech Corporation SC2446AEVB Datasheet HTML 23Page - Semtech Corporation SC2446AEVB Datasheet HTML 24Page - Semtech Corporation SC2446AEVB Datasheet HTML 25Page - Semtech Corporation SC2446AEVB Datasheet HTML 26Page - Semtech Corporation SC2446AEVB Datasheet HTML 27Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446A
Ch1 (2.5V) Output voltage ripple = 14.0mV p-p
Typical Characteristics (Cont.)
Ch2 (1.2V) Output voltage ripple = 15.6mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com