Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4216STRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4216STRT
Description  Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4216STRT Datasheet(HTML) 7 Page - Semtech Corporation

  SC4216STRT Datasheet HTML 1Page - Semtech Corporation SC4216STRT Datasheet HTML 2Page - Semtech Corporation SC4216STRT Datasheet HTML 3Page - Semtech Corporation SC4216STRT Datasheet HTML 4Page - Semtech Corporation SC4216STRT Datasheet HTML 5Page - Semtech Corporation SC4216STRT Datasheet HTML 6Page - Semtech Corporation SC4216STRT Datasheet HTML 7Page - Semtech Corporation SC4216STRT Datasheet HTML 8Page - Semtech Corporation SC4216STRT Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
 2006 Semtech Corp.
www.semtech.com
SC4216
POWER MANAGEMENT
Introduction
The SC4216 is intended for applications where high cur-
rent capability and very low dropout voltage are required.
It provides a very simple, low cost solution that uses very
little pcb real estate. Additional features include an en-
able pin to allow for a very low power consumption standby
mode, and a fully adjustable output.
Component Selection
Input capacitor: A large bulk capacitance
≥ 10µF/A (out-
put load) should be closely placed to the input supply pin
of the SC4216 to ensure that Vin does not sag below 1.45V.
Also a minimum of 4.7µF ceramic capacitor is recom-
mended to be placed directly next to the Vin pin. This al-
lows for the device being some distance from any bulk ca-
pacitance on the rail. Additionally, input droop due to load
transients is reduced, improving load transient response.
Additional capacitance may be added if required by the
application.
Output capacitor: a minimum bulk capacitance of
≥ 10µF/A (output load), along with a 0.1µF ceramic de-
coupling capacitor is recommended. Increasing the bulk
capacitance will improve the overall transient response.
The use of multiple lower value ceramic capacitors in par-
allel to achieve the desired bulk capacitance will not cause
stability issues. Although designed for use with ceramic
output capacitors, the SC4216 is extremely tolerant of out-
put capacitor ESR values and thus will also work comfort-
ably with tantalum output capacitors.
Noise immunity: in very electrically noisy environments, it
is recommended that 0.1µF ceramic capacitors be placed
from IN to GND and OUT to GND as close to the device pins
as possible.
Internal voltage selection: By connecting the FB pin to
GND, an internal resistor divider will regulate the output
voltage to 1.2V. If the FB pin is connected directly to the
VO pin, the output voltage will be regulated to the 0.5V
internal reference.
External voltage selection resistors: the use of 1%
resistors, and designing for a current flow
≥ 10µA is
recommended to ensure a well regulated output (thus R2
≤ 50kΩ).
Applications Information
Enable: Pulling this pin below 0.4V turns the regulator off,
reducing the quiescent current to a fraction of its operat-
ing value. A pull up resistor up to 400kOhms should be
connected from this pin to the VIN pin in application where
supply voltages of Vin < 1.9V is required. For applications
with higher voltages than 1.9V, EN pin could be left open
or connected to VIN.
Thermal Considerations
The power dissipation in the SC4216 is approximately equal
to the product of the output current and the input to out-
put voltage differential:
()
O
D
I
VOUT
VIN
P
•
−
≈
The absolute worst-case dissipation is given by:
()
)
MAX
(
Q
)
MAX
(
)
MAX
(
O
)
MIN
(
)
MAX
(
)
MAX
(
D
I
VIN
I
VOUT
VIN
P
•
+
•
−
=
For a typical scenario, V
IN = 3.3V ± 5%, VOUT = 2.8V and
I
O = 1.5A, therefore:
V
IN(MAX) = 3.465V, VOUT(MIN) = 2.744V and IQ(MAX) = 1.75mA,
Thus P
D(MAX) = 1.09W.
Using this figure, and assuming T
A(MAX) = 70°C, we can cal-
culate the maximum thermal impedance allowable to main-
tain T
J ≤ 150°C:
() ()
R
TT
P
CW
TH J A MAX
J MAX
A MAX
DMAX
()(
)
()
()
()
.
./
−
=
−
=
−
=°
150 70
109
73 4
This should be achievable for the SOIC-8EDP package us-
ing pcb copper area to aid in conducting the heat away,
such as one square inch of copper connected to the ex-
posed die pad of the device. Internal ground/power planes
and air flow will also assist in removing heat. For higher
ambient temperatures it may be necessary to use addi-
tional copper area.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com