Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC605EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC605EVB
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC605EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC605EVB Datasheet HTML 1Page - Semtech Corporation SC605EVB Datasheet HTML 2Page - Semtech Corporation SC605EVB Datasheet HTML 3Page - Semtech Corporation SC605EVB Datasheet HTML 4Page - Semtech Corporation SC605EVB Datasheet HTML 5Page - Semtech Corporation SC605EVB Datasheet HTML 6Page - Semtech Corporation SC605EVB Datasheet HTML 7Page - Semtech Corporation SC605EVB Datasheet HTML 8Page - Semtech Corporation SC605EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC605
Absolute Maximum Ratings
Electrical Characteristics
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside the parameters specified in the
Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may affect device reliability.
Parameter
Symbol
Maximum
Units
Supply Voltage
V
IN
-0.3 to 6.5
V
Output Voltage
V
OUT
-0.3 to 6.5
V
Pin Voltage - FLASH, CTRL0, CTRL1, ISET, C1-, C2-
-0.3 to V
IN + 0.3
V
Pin Voltage - C1+, C2+
-0.3 to V
OUT + 0.3
V
V
OUT Short Circuit Duration
SC
Indefinite
Thermal Resistance, Junction to Ambient
(JESD51 Standard Method)(1)
θ
JA
40
°C/W
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Junction Temperature Range
T
JC
-40 to +150
°C
Storage Temperature Range
T
STG
-65 to +150
°C
IR Reflow Temperature
T
LEAD
260
°C
ESD Protection Level(2)
V
ESD
2
kV
Notes:
1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
2) Tested according to JEDEC standard JESD22-A114-B
Unless otherwise specified: T
A = 25°C for TYP, -40°C to +60°C for MIN and MAX; CIN = 0µF, CBUCKET = COUT = 1.0µF (ESR < 0.1Ω);
V
IN = 3.0V to 5.25V; VOUT = 2.8V to 4.25V; RISET = 0.5Ω 0.1%.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Flash Mode -
Output Current
I
OUT
FLASH high, R
ISET = 0.357W,
3.7V < V
IN < 4.2V, VOUT = 3.7V
(1)
700
mA
FLASH high, R
ISET = 0.5W,
3.3V < V
IN < 4.2V, 2.8V < VOUT < 4.25V
460
500
540
FLASH low, CTRL0 high, CTRL1 high, R
ISET =
0.357W, 3.7V < V
IN < 4.2V, VOUT = 3.4V
(1)
280
Spotlight Mode -
Output Current
I
OUT
FLASH low, CTRL0 high, CTRL1 high, R
ISET =
0.5W, 3.0V < V
IN < 4.5V, 2.8V < VOUT < 4.5V
170
200
230
FLASH low, CTRL0 low, CTRL1 high, R
ISET =
0.5W, 3.0V < V
IN < 4.5V, 2.8V < VOUT < 4.5V
120
150
180(2)
FLASH low, CTRL0 high, CTRL1 low, R
ISET =
0.5W, 3.0V < V
IN < 4.5V, 2.8V < VOUT < 4.5V
70
100
130(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com