Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4808B-2MSTRT Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC4808B-2MSTRT
Description  High Performance Dual Ended PWM Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808B-2MSTRT Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC4808B-2MSTRT Datasheet HTML 15Page - Semtech Corporation SC4808B-2MSTRT Datasheet HTML 16Page - Semtech Corporation SC4808B-2MSTRT Datasheet HTML 17Page - Semtech Corporation SC4808B-2MSTRT Datasheet HTML 18Page - Semtech Corporation SC4808B-2MSTRT Datasheet HTML 19Page - Semtech Corporation SC4808B-2MSTRT Datasheet HTML 20Page - Semtech Corporation SC4808B-2MSTRT Datasheet HTML 21Page - Semtech Corporation SC4808B-2MSTRT Datasheet HTML 22Page - Semtech Corporation SC4808B-2MSTRT Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
 2006 Semtech Corp.
www.semtech.com
SC4808B-2
POWER MANAGEMENT
7) If an Opto isolator is used for isolation, quiet primary
and secondary ground planes should be used. The same
precautions should be followed for the primary GND plane
as mentioned in item 5 mentioned above. For the second-
ary GND plane, the GND plane method mentioned in item
4 should be followed.
8) All the noise sensitive components such as LUVLO re-
sistive divider, reference by pass capacitor, Vcc bypass ca-
pacitor, current sensing circuitry, feedback circuitry, and
the oscillator resistor/capacitor network should be con-
nected as close as possible to the SC4808B-2. The GND
return should be connected to the quiet SC4808B-2 GND
plane.
9) The connection from the OUTA and OUTB of the
SC4808B-2 should be minimized to avoid any stray induc-
tance. If the layout can not be optimized due to constraints,
a small Schottky diode may be connected from the OUTA/
B pins to the ground directly at the IC. This will clamp ex-
cessive negative voltages at the IC. If drivers are used, the
Schottky diodes should be connected directly at the IC from
the output of the driver to the driver ground (See page 9).
10) If the SYNC function is not used, the SYNC pin should
be grounded at the SC4808B-2 GND to avoid noise pick
up.
Application Information (Cont.)
LAYOUT GUIDELINES
Careful attention to layout requirements are necessary for
successful implementation of the SC4808B-2 PWM con-
troller.
High current switching is present in the application and
their effect on ground plane voltage differentials must be
understood and minimized.
1). The high power parts of the circuit should be laid out
first. A ground plane should be used, the number and po-
sition of ground plane interruptions should be such as to
not unnecessarily compromise ground plane integrity. Iso-
lated or semi-isolated areas of the ground plane may be
deliberately introduced to constrain ground currents to
particular areas, such as the input capacitor and FET
ground.
2). In the loop formed by the Input Capacitor(s) (Cin), the
FET must be kept as small as possible. This loop contains
all the high current, fast transition switching. Connections
should be as wide and as short as possible to minimize
loop inductance. Minimizing this loop area will a) reduce
EMI, b) lower ground injection currents, resulting in electri-
cally “cleaner” grounds for the rest of the system and c)
minimize source ringing, resulting in more reliable gate
switching signals.
3). The connection between FETs and the Transformer
should be a wide trace or copper region. It should be as
short as practical. Since this connection has fast voltage
transitions, keeping this connection short will minimize EMI.
4) The Output Capacitor(s) (Cout) should be located as close
to the load as possible. Fast transient load currents are
supplied by Cout only, and connections between Cout and
the load must be short, wide copper areas to minimize in-
ductance and resistance.
5) The SC4808B-2 is best placed over a quiet ground plane
area. Avoid pulse currents in the Cin FET loop flowing in
this area. GND should be returned to the ground plane close
to the package and close to the ground side of (one of) the
VCC supply capacitor(s). Under no circumstances should
GND be returned to a ground inside the Cin, Q1, Q2 loop.
Avoid making a star connection between the quiet GND
planes that the SC4808B-2 will be connected to and the
noisy high current GND planes connected to the FETs.
6) The feed back connection between the error amplifier
and the FB pin should be kept as short as possible The
GND connections should be connected to the quiet GND
used for the SC4808B-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com