Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF100AC Datasheet(PDF) 2 Page - SanRex Corporation

Part # DF100AC
Description  Three Phase Rectifier Bridge Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF100AC Datasheet(HTML) 2 Page - SanRex Corporation

  DF100AC Datasheet HTML 1Page - SanRex Corporation DF100AC Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SanRex®
Three Phase Rectifier Bridge Modules
DF100AC series
< Electrical Characteristics >
Tj= 25
°C (unless otherwise noted)
Ratings
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
IRRM
Repetitive Peak Reverse
Current
VR = VRRM, Tj= 150°C
15.0
mA
VFM
Forward Voltage Drop
IF= 100A, Inst. measurement
1.20
V
Rth(j-c)
Thermal Resistance
Junction to case
0.2
°C/W
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 Web : www.sanrex.com
May 2007 – 4th.
* Dimensions in millimeters (1mm=0.0394”)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com