Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2545EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC2545EVB
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2545EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC2545EVB Datasheet HTML 9Page - Semtech Corporation SC2545EVB Datasheet HTML 10Page - Semtech Corporation SC2545EVB Datasheet HTML 11Page - Semtech Corporation SC2545EVB Datasheet HTML 12Page - Semtech Corporation SC2545EVB Datasheet HTML 13Page - Semtech Corporation SC2545EVB Datasheet HTML 14Page - Semtech Corporation SC2545EVB Datasheet HTML 15Page - Semtech Corporation SC2545EVB Datasheet HTML 16Page - Semtech Corporation SC2545EVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
ã 2005 Semtech Corp.
www.semtech.com
SC2545
POWER MANAGEMENT
Sometimes meeting tight input voltage ripple
specifications may require the use of larger input
capacitance. At full load, the peak-to-peak input voltage
ripple due to the ESR is

,


5
Y
R
HVU
(65
G

'

I
&
',
Y
V
LQ
R
& |
'
From these two expressions, C
IN can be found to meet
the input voltage ripple specification. In a multi-phase
converter, channel interleaving can be used to reduce
ripple. The two step-down channels of the SC2545
operate at 180 degrees from each other. If both step-
down channels in the SC2545 are connected to the same
input rail, the input RMS currents will be reduced. Ripple
cancellation effect of interleaving allows the use of
smaller input capacitors.
When two channels with a common input are interleaved,
the total DC input current is simply the sum of the
individual DC input currents. The combined input current
waveform depends on duty ratio and the output current
waveform. Assuming that the output current ripple is
small, the following formula can be used to estimate the
RMS value of the ripple current in the input capacitor.
Let the duty ratio and output current of Channel 1 and
Channel 2 be D
1, D2 and Io1, Io2, respectively.
If D
1<0.5 and D2<0.5, then

,
'
,
'
,


R



R

&LQ

|
If D
1>0.5 and (D1-0.5) < D2<0.5, then

,



'
'
,
,



'
,



,


R




R

R



R
&LQ






|
If D
1>0.5 and D2 < (D1-0.5) < 0.5, then

,



'
'
,
,
'
,



,


R




R

R



R
&LQ





|
Choosing Power MOSFETs
Main considerations in selecting the MOSFET’s are power
dissipation, MOSFETs cost, and packaging. Switching
losses and conduction losses of the MOSFET’s are
directly related to the total gate charge (C
g) and channel
on-resistance (R
ds(on)). In order to judge the performance
of MOSFET’s, the product of the total gate charge and
on-resistance is used as a figure of merit (FOM).
Transistors with the same FOM follow the same curve in
Figure 8.

$

$
!

!
#
)20A^`
)20A^`
)20A^`
P…r†v†‡hprÀPu€
B
h‡
rÃ
8
uh
…t
rÃ

8

$
8t  Sq†


8t ! Sq†


8t $ Sq†


!
Sq†
Figure 8. Figure of Merit curves.
The closer the curve is to the origin, the lower is the FOM.
This means lower switching loss or lower conduction loss
or both. It may be difficult to find MOSFET’s with both
low C
g and low Rds(on. Usually a trade-off between Rds(on
and C
g has to be made.
MOSFET selection also depends on applications. In many
applications, either switching loss or conduction loss
dominates for a particular MOSFET. For synchronous buck
converters with high input to output voltage ratios, the
top MOSFET is hard switched but conducts with very low
duty cycle. The bottom switch conducts at high duty cycle
but switches at near zero voltage. For such applications,
MOSFET’s with low C
g are used for the top switch and
MOSFET’s with low R
ds(on) are used for the bottom switch.
If D
1>0.5 and D2 > 0.5, then

,
'

,
'

,
,

'
'
,


R



R



R

R


&LQ







|
MOSFET power dissipation consists of
a) conduction loss due to the channel resistance R
ds(on);
b) switching loss due to the switch rise time t
r and fall
time t
f; and
c) the gate loss due to the gate resistance R
G.
The peak-to-peak input voltage ripple due to the capacitor
is
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com