Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453EVB Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC453EVB
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453EVB Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC453EVB Datasheet HTML 15Page - Semtech Corporation SC453EVB Datasheet HTML 16Page - Semtech Corporation SC453EVB Datasheet HTML 17Page - Semtech Corporation SC453EVB Datasheet HTML 18Page - Semtech Corporation SC453EVB Datasheet HTML 19Page - Semtech Corporation SC453EVB Datasheet HTML 20Page - Semtech Corporation SC453EVB Datasheet HTML 21Page - Semtech Corporation SC453EVB Datasheet HTML 22Page - Semtech Corporation SC453EVB Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Applications Information (Cont.)
1. Start-Up:
ISS 6.5 μA
:=
dtSU 3ms
:=
dVdacSU VMAX_NL
:=
CSS_max_startup
ISS dtSU
⋅
dVdacSU
:=
CSS_max_startup 1.609 10
8
−
×
F
=
2. VID Change:
ISSV 120 μA
:=
dtV 100 μs
:=
dVdacV VMAX_NL VMIN_NL
−
:=
CSS_max_VID
ISSV dtV
⋅
dVdacV
:=
CSS_max_VID 4.687 10
8
−
×
F
=
3. Sleep Entry/Exit:
ISSS
240
μA
:=
dtS 33 μs
:=
dVdacS VMAX_NL VSLP
−
:=
CSS_max_drs
ISSS dtS
⋅
dVdacS
:=
CSS_max_drs 1.714 10
8
−
×
F
=
Exercise #1 predicts the max capacitance allowed. In
order to allow tolerance, we choose C22 = 15nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com