Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M9BEE Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT82M9BEE
Description  USB Mouse Encoder 8-Bit MCU with EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M9BEE Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT82M9BEE Datasheet HTML 17Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 18Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 19Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 20Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 21Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 22Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 23Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 24Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
HT82M9BEE/HT82M9BAE
Rev. 1.20
21
August 13, 2007
The bitmaps are list as follows:
Register
Name
R/W
Register
Address
Bit7~Bit4
Reserved
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
Pipe_ctrl
R/W
01000001B
¾
Pipe 3
Pipe 2
Pipe 1
Data 0
0000 1110
STALL
R/W
01000011B
¾
Pipe 3
Pipe 2
Pipe 1
Pipe 0
0000 1110
Endpt_EN
R/W
01000111B
¾
Pipe 3
Pipe 2
Pipe 1
Pipe 0
0000 1111
Pipe_ctrl (41H), STALL (43H) and Endpt_EN (47H) Registers
The SIES Register is used to indicate the present signal state which the USB SIE received and also determines
whether the USB SIE has to change the device address automatically.
Bit No.
Function
Read/Write
Register Address
7
MNI
R/W
01000101B
6
EOT
R
5
CRC_ERR
R/W
4
NAK
R
3IN
R
2
OUT
R/W
1
F0_ERR
R/W
0
Adr_set
R/W
SIES (45H) Registers Table
Function
Name
Read/Write
Description
Adr_set
R/W
This bit is used to configure the USB SIE to automatically change the device address with
the value of the Address+Remote_WakeUp Register (42H).
When this bit is set to 1 by F/W, the USB SIE will update the device address with the value
of the Address+Remote_WakeUp Register (42H) after the PC Host has successfully read
the data from the device by the IN operation. The USB SIE will clear the bit after updating
the device address.
Otherwise, when this bit is cleared to
²0², the USB SIE will update the device address im-
mediately after an address is written to the Address+Remote_WakeUp Register (42H).
F0_Err
R/W
This bit is used to indicate when there are some errors that occurred when the FIFO0 is
accessed.
This bit is set by the USB SIE and cleared by F/W.
Out
R/W
This bit is used to indicate that there are OUT token (except for the OUT zero) that has
been received. The F/W clears the bit after the OUT data has been read. Also, this bit will
be cleared by the USB SIE after the next valid SETUP token is received.
IN
R
This bit is used to indicate that the current USB receiving signal from the PC Host is IN to-
ken.
NAK
R
This bit is used to indicate that the USB SIE has transmitted the NAK signal to the Host in
response to the PC Host IN or OUT token.
CRC_err
R/W
This bit indicates that there are CRC error (bit=1). The programmer must do something to
save the device and keep it alive.
This bit is set by the USB SIE and cleared by F/W.
EOT
R
End of transient flag, normal status is
²1². If suspend=²1² line & EOT=²0² indicates that
something is wrong in the USB Interface. The programmer must do something to save the
device and keep it alive.
MNI
R/W
This bit is for masking the NAK interrupt when MNI=
²1², the default value=²0²
SIES Function Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com