Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7849 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7849
Description  Serial Input, 14-Bit/16-Bit DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7849 Datasheet(HTML) 2 Page - Analog Devices

  AD7849 Datasheet HTML 1Page - Analog Devices AD7849 Datasheet HTML 2Page - Analog Devices AD7849 Datasheet HTML 3Page - Analog Devices AD7849 Datasheet HTML 4Page - Analog Devices AD7849 Datasheet HTML 5Page - Analog Devices AD7849 Datasheet HTML 6Page - Analog Devices AD7849 Datasheet HTML 7Page - Analog Devices AD7849 Datasheet HTML 8Page - Analog Devices AD7849 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AB, T
C
Parameter
Versions
Versions
Versions
Units
Test Conditions/Comments
RESOLUTION
14
16
16
Bits
A Versions: 1 LSB = 2 (VREF+–VREF–)/2
14
B, C, T Versions: 1 LSB = 2 (VREF+–VREF–)/2
16
UNIPOLAR OUTPUT
VREF– = 0 V, VOUT = 0 V to +10 V
Relative Accuracy @ +25
°C
±4
±6
±4
LSBs typ
TMIN to TMAX
±5
±16
±8
LSBs max
Differential Nonlinearity
±0.25
±0.9
±0.5
LSBs max
All Grades Guaranteed Monotonic Over Temperature
Gain Error @ +25
°C
±1
±4
±4
LSBs typ
VOUT Load = 10 M
Ω
TMIN to TMAX
±4
±16
±16
LSBs max
Offset Error @ +25
°C
±1
±4
±4
LSBs typ
TMIN to TMAX
±6
±24
±16
LSBs max
Gain TC
3
±2
±2
±2
ppm FSR/
°C typ
Offset TC
3
±2
±2
±2
ppm FSR/
°C typ
BIPOLAR OUTPUT
VREF– = –5 V, VOUT = –10 V to +10 V
Relative Accuracy @ +25
°C
±2
±3
±2
LSBs typ
TMIN to TMAX
±3
±8
±4
LSBs max
Differential Nonlinearity
±0.25
±0.9
±0.5
LSBs max
All Grades Guaranteed Monotonic Over Temperature
Gain Error @ +25
°C
±1
±4
±4
LSBs typ
VOUT Load = 10 M
Ω
TMIN to TMAX
±4
±16
±16
LSBs max
Offset Error @ +25
°C
±0.5
±2
±2
LSBs typ
TMIN to TMAX
±3
±12
±8
LSBs max
Bipolar Zero Error @ +25
°C
±0.5
±2
±2
LSBs typ
TMIN to TMAX
±4
±12
±8
LSBs max
Gain TC
3
±2
±2
±2
ppm FSR/
°Ctyp
Offset TC
3
±2
±2
±2
ppm FSR/
°Ctyp
Bipolar Zero TC
3
±2
±2
±2
ppm FSR/
°Ctyp
REFERENCE INPUT
Input Resistance
25
25
25
k
Ω min
Resistance from VREF+ to VREF–
43
43
43
k
Ω max
Typically 34 k
Ω
VREF+ Range
VSS + 6 to
VSS + 6 to
VSS + 6 to
Volts
VDD – 6
VDD – 6
VDD – 6
VREF– Range
VSS + 6 to
VSS + 6 to
VSS + 6 to
Volts
VDD – 6
VDD – 6
VDD – 6
OUTPUT CHARACTERISTICS
Output Voltage Swing
VSS + 4 to
VSS + 4 to
VSS + 4 to
V max
VDD – 4
VDD – 4
VDD – 4
Resistive Load
2
2
2
k
Ω min
To 0 V
Capacitive Load
200
200
200
pF max
To 0 V
Output Resistance
0.3
0.3
0.3
Ω typ
Short Circuit Current
±25
±25
±25
mA typ
Voltage Range: –10 V to +10 V
DIGITAL INPUTS
VINH, Input High Voltage
2.4
2.4
2.4
V min
VINL, Input Low Voltage
0.8
0.8
0.8
V max
IINH, Input Current
±10
±10
±10
µA max
CIN, Input Capacitance
10
10
10
pF max
DIGITAL OUTPUTS
VOL (Output Low Voltage)
0.4
0.4
0.4
Volts max
ISINK = 1.6 mA
VOH (Output High Voltage)
4.0
4.0
4.0
Volts min
ISOURCE = 400
µA
Floating State Leakage Current
±10
±10
±10
µA max
Floating State Output
Capacitance
10
10
10
pF max
POWER REQUIREMENTS
4
VDD
+14.25/+15.75 +14.25/+15.75 +14.25/+15.75
V min/V max
VSS
–14.25/–15.75
–14.25/–15.75
–14.25/–15.75
V min/V max
VCC
+4.75/+5.25
+4.75/+5.25
+4.75/+5.25
V min/V max
IDD
5
5
5
mA max
VOUT Unloaded, VINH = VDD – 0.1 V, VINL = 0.1 V
ISS
5
5
5
mA max
VOUT Unloaded, VINH = VDD – 0.1 V, VINL = 0.1 V
ICC
2.5
2.5
2.5
mA max
VINH = VDD – 0.1 V, VINL = 0.1 V
Power Supply Sensitivity
5
0.4
1.5
1.5
LSB/V max
Power Dissipation
100
100
100
mW typ
VOUT Unloaded
NOTES
1Temperature ranges: A, B, C Versions: –40
°C to +85°C; T Version: –55°C to +125°C.
2Minimum load for T Version is 3 k
Ω.
3Guaranteed by design and characterization, not production tested.
4The AD7849 is functional with power supplies of
±12 V. See Typical Performance Curves.
5Sensitivity of Gain Error, Offset Error and Bipolar Zero Error to V
DD, VSS variations.
Specifications subject to change without notice.
AD7849–SPECIFICATIONS1
REV. B
–2–
(VDD = +14.25 V to +15.75 V; VSS = –14.25 V to –15.75 V; VCC = +4.75 V to +5.25 V; VOUT loaded with 2 k
Ω,2 200 pF to 0 V; VREF+ = +5 V;
ROFS connected to 0 V; TA = TMIN to TMAX, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com