Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC488 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC488
Description  Complete DDR1/2/3 Memory Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC488 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC488 Datasheet HTML 11Page - Semtech Corporation SC488 Datasheet HTML 12Page - Semtech Corporation SC488 Datasheet HTML 13Page - Semtech Corporation SC488 Datasheet HTML 14Page - Semtech Corporation SC488 Datasheet HTML 15Page - Semtech Corporation SC488 Datasheet HTML 16Page - Semtech Corporation SC488 Datasheet HTML 17Page - Semtech Corporation SC488 Datasheet HTML 18Page - Semtech Corporation SC488 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
© 2006 Semtech Corp.
www.semtech.com
SC488
POWER MANAGEMENT
We will select an inductor value of 1.5μH to reduce the
ripple current, which can be calculated as follows:
P
P
A
L
)
MIN
(
VBAT
ON_
t
OUT
V
)
MIN
(
BAT
V
)
MIN
(
BAT
RIPPLE_V
I
and,
P
P
A
L
)
MAX
(
VBAT
ON_
t
OUT
V
)
MAX
(
BAT
V
)
MAX
(
BAT
RIPPLE_V
I
For our example:
I
RIPPLE_VBAT(MIN) = 3.39AP-P and IRIPPLE_VBAT(MAX) = 4.34AP-P
From this we can calculate the minimum inductor current
rating for normal operation:
(MIN)
A
2
)
MAX
(
T
RIPPLE_VBA
I
)
MAX
(
OUT
I
)
MIN
(
INDUCTOR
I
For our example:
I
INDUCTOR(MIN) = 12.2A(MIN)
Next we will calculate the maximum output capacitor
equivalent series resistance (ESR). This is determined by
calculating the remaining static and transient tolerance
allowances. Then the maximum ESR is the smaller of the
calculated static ESR (R
ESR_ST(MAX)) and transient ESR
(R
ESR_TR(MAX)):
Ohms
)
MAX
(
BAT
V
_
RIPPLE
I
2
DC
ERR
ST
ERR
)
MAX
(
ST
_
ESR
R
Where ERR
ST is the static output tolerance and ERRDC is
the DC error. The DC error will be 1% plus the tolerance
of the internal feedback. (Use 2% for external feedback
which is 1% plus another 1% for the external resistors.)
For our example:
ERR
ST = 36mV and, ERRDC = 18mV, therefore,
R
ESR_ST(MAX) = 8.3mΩ
Ohms
2
)
MAX
(
T
RIPPLE_VBA
I
TRANS
I
DC
ERR
TR
ERR
)
MAX
(
TR
ESR_
R
where ERR
TR is the transient output tolerance. For this
case, I
TRANS is the load transient of 5A (10A - 5A).
For our example:
ERR
TR = 144mV and ERRDC = 18mV, therefore,
R
ESR_TR(MAX) = 17.6mΩ for a full 5A load transient.
We will select a value of 6mΩ maximum for our design,
which would be achieved by using two 12mΩ output ca-
pacitors in parallel. Now that we know the output ESR we
can calculate the output ripple voltage:
P
P
V
)
MIN
(
T
RIPPLE_VBA
I
ESR
R
)
MIN
(
T
RIPPLE_VBA
V
and,
P
P
V
)
MAX
(
T
RIPPLE_VBA
I
ESR
R
)
MAX
(
T
RIPPLE_VBA
V
For our example:
V
RIPPLE_VBAT(MAX) = 20mVP-P and VRIPPLE_VBAT(MIN) = 26mVP-P
Note that in order for the device to regulate in a controlled
manner, the ripple content at the feedback pin, V
FB, should
be approximately 15mV
P-P at minimum VBAT, and worst case
no smaller than 10mV
P-P. Note that the voltage ripple at
FB is smaller than the voltage ripple at the output capaci-
tor, due to the resistor divider. Also, when using internal
feedback (FB pin tied to 5V or GND), the FB resistor di-
vider is actually inside the IC. If V
RIPPLE_VBAT(MIN) as seen at
the FB point is less than 15mV
P-P - whether internal or ex-
ternal FB is used - the above component values should be
revisited in order to improve this. For our example, since
the internal divider reduces the ripple signal by a factor of
(1.5V/1.8V), the internal FB ripple values are then 17mV
and 22mV, which is above the 15mV minimum.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com