Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC488MLTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC488MLTRT
Description  Complete DDR1/2/3 Memory Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC488MLTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC488MLTRT Datasheet HTML 5Page - Semtech Corporation SC488MLTRT Datasheet HTML 6Page - Semtech Corporation SC488MLTRT Datasheet HTML 7Page - Semtech Corporation SC488MLTRT Datasheet HTML 8Page - Semtech Corporation SC488MLTRT Datasheet HTML 9Page - Semtech Corporation SC488MLTRT Datasheet HTML 10Page - Semtech Corporation SC488MLTRT Datasheet HTML 11Page - Semtech Corporation SC488MLTRT Datasheet HTML 12Page - Semtech Corporation SC488MLTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
© 2006 Semtech Corp.
www.semtech.com
SC488
POWER MANAGEMENT
Application Information
Application Information
+5V Bias Supplies
The SC488 requires an external +5V bias supply in addi-
tion to the battery. If stand-alone capability is required,
the +5V supply can be generated with an external linear
regulator. To minimize crosstalk, the controller has seven
supply pins: VDDP (2 pins), PGND1 (2 pins), PGND2, VCCA
and AGND.
The controller requires its own AGND plane which should
be tied by a single trace to the negative terminal of the
output capacitor. All external components referenced to
AGND in the schematic should then be connected to the
AGND plane. The supply decoupling capacitor should be
tied between VCCA and AGND. A single 10Ω resistor should
be used to decouple the VCCA supply from the main VDDP
supply. PGND can then be a separate plane which is not
used for routing analog traces. All PGND connections
should connect directly to this plane with special attention
given to avoiding indirect connections between AGND and
PGND which will create ground loops. As mentioned above,
the AGND plane must be connected to the PGND plane at
the negative terminal of the output capacitor. The VDDP
input provides power to the upper and lower gate drivers.
A decoupling capacitor for the VDDP supply and PGND is
recommended. No series resistor between VDDP and the
5 volt bias is required.
Pseudo-Fixed Frequency Constant On-Time
PWM Controller
The PWM control method is a constant-on-time, pseudo-
fixed frequency PWM controller, see Figure 1. The ripple
voltage seen across the output capacitor’s ESR provides
the PWM ramp signal, eliminating the need for a current
sense resistor. The on-time is determined by a one-shot
whose period is proportional to output voltage, and in-
versely proportional to input voltage. A separate one-shot
sets the minimum off-time (typically 425ns).
On-Time One-Shot (T
ON)
The on-time one-shot comparator has two inputs. One
input looks at the output voltage, while the other input
samples the input voltage and converts it to a proportional
current. This current charges an internal on-time capaci-
tor. The TON time is the time required for this capacitor
to charge from zero volts to VOUT, thereby making the
on-time of the high-side switch directly proportional to
output voltage and inversely proportional to input volt-
age. This implementation results in a nearly constant
switching frequency without the need of a clock generator.
ns
50
IN
V
OUT
V
)
3
37x10
(RTON
12
3.3x10
ON
T
RTON is a resistor connected between the input supply and
the TON pin.
VDDQ/VTT Enable & Power-Save
The EN/PSV pin controls the VDDQ supply and the REF
output (1/2 of VDDQ). VTTEN enables the VTT supply. The
VTT and VDDQ supplies may be enabled independently.
When EN/PSV is tied to VCCA the VDDQ controller is en-
abled in power-save mode. When the EN/PSV pin is floated,
an internal resistor divider activates the VDDQ controller
with power-save disabled. If PSAVE is enabled, the SC488
PSAVE comparator looks for inductor current to cross zero
on eight consecutive cycles. Once observed, the controller
enters power-save and turns off the low-side MOSFET when
the current crosses zero. To improve the efficiency and
add hysteresis, the on-time is increased by 20% in power-
save. The efficiency improvement at light loads more than
offsets the disadvantage of slightly higher output ripple. If
the inductor current does not cross zero on any switching
cycle, the controller immediately exits power-save. Since
the controller counts zero crossings, the converter can
sink current as long as the current does not cross zero on
eight consecutive cycles. This allows the output voltage
to recover quickly in response to negative load steps even
when power-save is enabled.
VDDQ Voltage Selection
VDDQ voltage is set using the FB pin. Grounding FB sets
VDDQ to fixed 2.5V. Connecting FB to +5V sets VDDQ to
fixed 1.8V. VDDQ can also be adjusted from 1.5 to 3.0V
using external resistors, see Figure 2. The voltage at FB is
then compared to the internal 1.5V reference.
To VDDQ output capacitor
To SC488 FB (pin 9)
C
R3
R2
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com