Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNS03CC Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BNS03CC
Description  Mechanical Cam Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BNS03CC Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BNS03CC Datasheet HTML 1Page - Balluff Korea Ltd. BNS03CC Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Cam Switches
BNS 816-B10-PA-16-602-11
Order Code: BNS03CC
Internet
www.balluff.com
eCl@ss 9.1: 27-27-06-02
Subject to change without notice: 186495
ETIM 6.0: EC001829
BNS03CC_0.119_2024-08-23
1 / 2
1) Reference edge, 2) Sealing ring, 3) Function indicator FD/FE/LL, 4) Sensing surface
Basic features
Approval/Conformity
CE
UKCA
WEEE
Basic standard
IEC 60947-5-2
DIN switch
DIN 43697
Operating principle
1-10. Switch position: Inductive
Version
Inductive
Display/Operation
Function indicator
1-10. Switch position: Optical fiber
Electrical connection
Connection type
1-10. Switch position: Screw
terminal
Electrical version
3-/4-wire
Electrical data
Continuous current
1-10. Switch position: 0.2 A
Rated operating voltage Ue
1-10. Switch position: 24 V DC
Environmental conditions
Ambient temperature
-25...70 °C
IP rating
IP67
Functional safety
MTTF (40 °C)
BES 517-110: 490 a
Interface
Switching output
PNP complementary
Material
Housing material
Aluminium, Anodized
Housing material, surface protection
Anodized
Mechanical data
Dimension
120 x 200 x 86.5 mm
Distance cam - active surface
1-10. Switch position: 0…1.62 mm
Flange, feed-through
2 threaded exit M25
Installation
Vertical
Plunger spacing 1st switch position
30 mm
Switching element
1-10. Switch position: BES
517-110
Range/Distance
Assured operating distance Sa
1-10. Switch position: 1.6 mm
Range
2 mm
Rated operating distance Sn
1-10. Switch position: 2.0 mm
Switch position spacing
16 mm


Similar Part No. - BNS03CC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BNS03C0 BALLUFF-BNS03C0 Datasheet
99Kb / 2P
Mechanical Cam Switches
2023-12-13
BNS03C1 BALLUFF-BNS03C1 Datasheet
109Kb / 2P
Mechanical Cam Switches
2024-08-23
BNS03C3 BALLUFF-BNS03C3 Datasheet
103Kb / 2P
Mechanical Cam Switches
2024-08-23
BNS03C4 BALLUFF-BNS03C4 Datasheet
102Kb / 2P
Mechanical Cam Switches
BNS 816-B08-THA-16-602-11
BNS03C9 BALLUFF-BNS03C9 Datasheet
103Kb / 2P
Mechanical Cam Switches
2024-08-23
More results

Similar Description - BNS03CC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BNS000A BALLUFF-BNS000A Datasheet
105Kb / 2P
Mechanical Cam Switches
0.116_2022-06-11
BNS000C BALLUFF-BNS000C Datasheet
125Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS004Y BALLUFF-BNS004Y Datasheet
103Kb / 2P
Mechanical Cam Switches
0.114_2022-06-11
BNS04LT BALLUFF-BNS04LT Datasheet
121Kb / 2P
Mechanical Cam Switches
2_2022-05-17
BNS04WR BALLUFF-BNS04WR Datasheet
233Kb / 2P
Mechanical Cam Switches
1.2_2022-05-1
BNS0019 BALLUFF-BNS0019 Datasheet
111Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS009J BALLUFF-BNS009J Datasheet
119Kb / 2P
Mechanical Cam Switches
4_2022-05-17
BNS009M BALLUFF-BNS009M Datasheet
129Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS0469 BALLUFF-BNS0469 Datasheet
111Kb / 2P
Mechanical Cam Switches
2.2_2022-05-17
BNS0482 BALLUFF-BNS0482 Datasheet
117Kb / 2P
Mechanical Cam Switches
1_2022-05-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com