Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2603 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2603
Description  Simple PWM Boost Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2603 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2603 Datasheet HTML 1Page - Semtech Corporation SC2603 Datasheet HTML 2Page - Semtech Corporation SC2603 Datasheet HTML 3Page - Semtech Corporation SC2603 Datasheet HTML 4Page - Semtech Corporation SC2603 Datasheet HTML 5Page - Semtech Corporation SC2603 Datasheet HTML 6Page - Semtech Corporation SC2603 Datasheet HTML 7Page - Semtech Corporation SC2603 Datasheet HTML 8Page - Semtech Corporation SC2603 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2603
Simple PWM Boost Controller
Features
Applications
Revision: Nov 14, 2006
Typical Application Circuit
The SC2603 is a versatile, low-cost, voltage-mode PWM
controller designed for 16V input DC/DC power supply
applications. A simple, fixed-voltage boost regulator can
be implemented using the SC2603 with a minimum of
external components. The small device footprint
allows for compact circuit design.
SC2603 features include a temperature compensated
voltage reference, triangle wave oscillator, current limit
comparator, frequency shift over-current protection, and
an internally compensated error amplifier. Pulse by pulse
current limiting is implemented by sensing the
differential voltage across an external resistor, or an
appropriately sized PC board trace.
The SC2603 operates at a fixed frequency of 200kHz,
providing an optimum compromise between efficiency,
external component size, and cost.
Low cost / small size
Switch mode efficiency up to 95%
1% reference voltage accuracy
Over-current protection
800mA output drive
5V to 16V input power source
No need for external compensation network
SOT23-6 is fully WEEE and RoHS compliant
Portable Devices
Flat Panel TV
TV Set Top Box
Auxiliary Supplies
Peripheral Card Supplies
Industrial Power Supplies
High Density DC/DC Conversion
Description
R2
R3
L1
Q1
D1
C2
C1
R4
VIN
VOUT
GND
D2
optional
U2
SC2603
VIN
5
EN/SS
3
FB
1
GND
2
CS
6
Gate
4
R1
C4
Enable
C3
R5
C5
(open collector)
Open Drain with < 100
pull down impedance


Similar Part No. - SC2603

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC2603 MOTOROLA-SC2603 Datasheet
94Kb / 2P
Triacs Bidirectional Triode Thyristors
logo
Semtech Corporation
SC2603A SEMTECH-SC2603A Datasheet
461Kb / 9P
Simple PWM Boost Converter In Small SOT23-6 Package
SC2603AEVB SEMTECH-SC2603AEVB Datasheet
461Kb / 9P
Simple PWM Boost Converter In Small SOT23-6 Package
SC2603ASKTRT SEMTECH-SC2603ASKTRT Datasheet
461Kb / 9P
Simple PWM Boost Converter In Small SOT23-6 Package
More results

Similar Description - SC2603

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1105A AAT-AAT1105A Datasheet
216Kb / 16P
BUCK_BOOST AND BOOST PWM CONTROLLER
V 1.0
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
PWM BOOST CONTROLLER
logo
Semtech Corporation
SC2604 SEMTECH-SC2604 Datasheet
379Kb / 14P
Simple PWM Boost Controller with Input Disconnect FET Drive
logo
ON Semiconductor
NCP1294 ONSEMI-NCP1294 Datasheet
233Kb / 13P
Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
210Kb / 13P
Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
PWM BOOST CONTROLLER
Rev 3
logo
Feeling Technology Corp...
FP5138 FEELING-FP5138 Datasheet
440Kb / 16P
Non-Synchronous PWM Boost Controller
FP5202 FEELING-FP5202 Datasheet
342Kb / 10P
Non-Synchronous PWM Boost Controller
logo
Shenzhenshi YONGFUKANG ...
FP5208 YONGFUKANG-FP5208 Datasheet
696Kb / 16P
Non-Synchronous PWM Boost Controller
logo
ON Semiconductor
NCP1294 ONSEMI-NCP1294_V01 Datasheet
314Kb / 14P
Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com