Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2434TSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2434TSTR
Description  TriPhase Current Mode Controller with Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2434TSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2434TSTR Datasheet HTML 7Page - Semtech Corporation SC2434TSTR Datasheet HTML 8Page - Semtech Corporation SC2434TSTR Datasheet HTML 9Page - Semtech Corporation SC2434TSTR Datasheet HTML 10Page - Semtech Corporation SC2434TSTR Datasheet HTML 11Page - Semtech Corporation SC2434TSTR Datasheet HTML 12Page - Semtech Corporation SC2434TSTR Datasheet HTML 13Page - Semtech Corporation SC2434TSTR Datasheet HTML 14Page - Semtech Corporation SC2434TSTR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2434
PCB Layout Consideration
Good layout is necessary for successful implementation of the SC2434 based 3 tri-phase topology. There are few
general rules:
·
Reserve enough PCB space for the power supply (1.2~1.5 square inch for every 10A of load current);
·
Place enough high frequency ceramic capacitors inside and around the CPU socket (please follow CPU manufacture’s
decoupling guideline);
·
Place bulk output capacitors around the CPU socket as uniformly as possible. The connection copper between
these capacitors and the CPU socket must be short and wide to minimize inductance and resistance;
·
Always place the high power parts first;
·
Always use a ground plane or ground planes;
·
Always try to minimize the stray inductance of the high pulsating current loop which is formed by input capacitors
and the MOSFET half-bridges.
The following layout guideline gives details on how to achieve a good layout:
·
Input filter should contain mixed electrolytic capacitors and MLC capacitors. For every 20A of load current, use
about 10uF of MLC caps. Put MLC caps close to current sensing resistor;
·
Use surface mount current sensing resistor (typically 3~5 mOhm in surface mount package with low temperature
coefficient and low package inductance, typically less than 0.3nH);
·
Try to minimize the stray inductance from the current sensing resistor to the drains of the top FETs by using wide
trace (>0.5” wide and no more than 3” long). This trace can run on inner1 layer, for example, if the inner2 layer is
the ground plane, assuming the FETs are on the top layer. This arrangement forms so called strip line structure for
the pulsating power current, which yields least amount of stray inductance. The concept is depicted in Fig. 7;
·
Keep the layout as electrically symmetrical as possible, as shown in Fig. 8, to avoid very uneven stray inductance
from the sensing resistor to the drains of the top FETs;
·
Use a pair of closely paralleled traces to pick up the sensing voltage across the sensing resistor. The sensing traces
server as differential input to the OC+ and OC- pins of the SC2434 controller. These traces should run on a routing
layer (e.g., bottom layer for 4 layer PCB case) to avoid picking up strong AC magnetic field due to power current flow.
In this case, the differential sensing traces are shielded by the ground layer. The filter cap across the OC+ and OC-
pins should be placed as close as possible to the controller. Pay close attention that never allow power current
flowing on or running close by the sensing traces. Please see Fig. 8;
·
Separate power ground from analog ground to prevent power current from running over the analog ground plane.
The SC2434 controller should be placed on the quite analog ground area. The analog ground should be single-
point connected to the PGND near the output capacitor or the CPU socket to provide best possible ground sense.
Refer to the application schematics for those components should be connected directly to the AGND (Vcc decoupling
caps, cap on BGOUT pin, resistors on OSCREF pin, DACREF pin, FB pin, and PGIN pin).
Fig. 7 - Use MLC capacitors and strip line structure to minimize the stray inductance for the switching current loop.
TOP FET
BOT FET
D
SD
S
MLC
VIA
VIA
Rsense
Ground Plane
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com