Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2434SWTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2434SWTRT
Description  TriPhase Current Mode Controller with Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2434SWTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2434SWTRT Datasheet HTML 6Page - Semtech Corporation SC2434SWTRT Datasheet HTML 7Page - Semtech Corporation SC2434SWTRT Datasheet HTML 8Page - Semtech Corporation SC2434SWTRT Datasheet HTML 9Page - Semtech Corporation SC2434SWTRT Datasheet HTML 10Page - Semtech Corporation SC2434SWTRT Datasheet HTML 11Page - Semtech Corporation SC2434SWTRT Datasheet HTML 12Page - Semtech Corporation SC2434SWTRT Datasheet HTML 13Page - Semtech Corporation SC2434SWTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
 2005 Semtech Corp.
www.semtech.com
PRELIMINARY
POWER MANAGEMENT
SC2434
Applications Information (Cont.)
The compensator transfer function has two poles and one
zero:
H c s
()
R drp
R FB
1
s
ω
z
1
s
ω
p1
1
s
ω
p2
.
.
To optimize the transient responses, it is recommended
that:
·
To use the first compensator pole to cancel the power
stage ESR zero;
·
To place the compensator zero at one half of the
switching frequency;
·
And to place the second compensator pole at high
frequency.
The Bode plots based this model and those obtained from
experiment are depicted in Fig. 5 and Fig. 6, respectively.
It can be seen that the model agrees well with the
experiment. The control model provides us physical
insight of the loop dynamics and helps the designer to
achieve good transient responses and system stability. Here
are few comments:
·
The loop crossover frequency (0dB frequency) should
be lower than one fifth (20%) of the switch frequency
to avoid noise pick up and the phase lag introduced
by the complex pole located at one half of the switching
frequency;
·
A >20KHz crossover frequency is adequate to assure
good transient response when the VR output
impedance, or droop impedance, is programmed to
be equal to the output capacitor ESR. The ESR
frequency for the output bulk capacitor is usually less
than 20KHz, and beyond that frequency the capacitor
behaves like a resistor up to few hundred KHz, which
is desired for dynamic droop. There is no point to
demand the control loop to have much higher
crossover frequency beyond the ESR zero frequency.
Fig. 5 - Loop gain Bode plot based on control loop model.
Fig. 6 - Measured loop gain Bode plots.
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
40
20
0
20
40
Loop-Gain (dB)
mag_Loop
i R
,
()
0
F
i
100
1 .10
3
1 .10
4
1 . 10
5
1 .10
6
180
90
0
90
180
LoopGain (Degree)
phase_Loop
i R
,
()
F
i
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
40
20
0
20
40
Loop-Gain (dB)
mag_Loop
i R
,
()
0
F
i
100
1 .10
3
1 .10
4
1 . 10
5
1 .10
6
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
40
20
0
20
40
Loop-Gain (dB)
mag_Loop
i R
,
()
0
F
i
100
1 .10
3
1 .10
4
1 . 10
5
1 .10
6
180
90
0
90
180
LoopGain (Degree)
phase_Loop
i R
,
()
F
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com