Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC412AEVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC412AEVB
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412AEVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC412AEVB Datasheet HTML 6Page - Semtech Corporation SC412AEVB Datasheet HTML 7Page - Semtech Corporation SC412AEVB Datasheet HTML 8Page - Semtech Corporation SC412AEVB Datasheet HTML 9Page - Semtech Corporation SC412AEVB Datasheet HTML 10Page - Semtech Corporation SC412AEVB Datasheet HTML 11Page - Semtech Corporation SC412AEVB Datasheet HTML 12Page - Semtech Corporation SC412AEVB Datasheet HTML 13Page - Semtech Corporation SC412AEVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
The following over-current equation can be used for both
RDS
ON or resistive sensing. For RDSON sensing, the MOSFET
RDS
ON rating is used for the value of RSENSE.
R
ILIM
IL
OC(Valley) = 10μA • ———
R
SENSE
Power Good Output
The power good (PGD) output is an open-drain output
which requires a pull-up resistor. When the output voltage
is 12% below its nominal voltage (660mV), PGD is pulled
low. It is held low until the output voltage returns above
approximately -11% of nominal. PGD is held low during
start-up and will not be allowed to transition high until
soft-start is completed (when FB reaches 0.75V). There
is a 5μs delay built into the PGD circuit to prevent false
transitions.
PGD also transitions low if the FB pin exceeds +20% of
nominal, which is also the over-voltage shutdown point. If
EN is low with VCC supplied, PGD is also pulled low.
Output Over-Voltage Protection
In steady state operation, when FB exceeds 20% of nomi-
nal, DL latches high and the low-side MOSFET is turned on.
DL stays high and the SMPS stays off until the EN input is
toggled or VCC is recycled. There is a 5μs delay built into
the OVP detector to prevent false transitions. PGD is also
low after an OVP.
Output Under-Voltage Protection
When FB falls 30% below its trip point for eight consecutive
clock cycles, the output is shut off; the DL/DH drives are
pulled low to tri-state the MOSFETS, and the SMPS stays
off until the EN input is toggled or VCC is recycled.
POR and UVLO
Under-voltage lockout circuitry (UVLO) inhibits switching
and tri-states the DH/DL drivers until VCC rises above 4.4V.
An internal power-on reset (POR) occurs when VCC exceeds
4.4V, which resets the fault latch and soft-start counter, to
prepare the PWM for switching. At this time the SC412A
will come out of UVLO and begin the soft-start cycle.
Applications Information (continued)
The RDS
ON sensing circuit is shown in Figure 4 with RILIM =
R1 and RDS
ON of Q2.
D1
VOUT
+5V
VBAT
+
C1
Q2
+
C3
D2
R1
GND
DL
VDD
ILIM
LX
DH
BST
C2
Q1
L
SC412A
Figure 4.
The resistor sensing circuit is shown in Figure 5 with R
ILIM
= R1 and R
SENSE = R4.
Resistive sensing operates similar to MOSFET sensing,
except that a resistor is used to improve accuracy. The
resistor connects between the MOSFET source and GND,
and the RILIM connects from the ILIM pin to the sense
resistor, as in Figure 5.
Vout
R1
+5V
L1
+
R4
GND
DL
VDD
ILIM
LX
DH
BST
VBAT
SC412A
+
C1
C2
D1
Q2
Q1
D2
C3
Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com