Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2285PVC-1 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2285PVC-1
Description  100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2285PVC-1 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2285PVC-1 Datasheet HTML 1Page - Cypress Semiconductor CY2285PVC-1 Datasheet HTML 2Page - Cypress Semiconductor CY2285PVC-1 Datasheet HTML 3Page - Cypress Semiconductor CY2285PVC-1 Datasheet HTML 4Page - Cypress Semiconductor CY2285PVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2285PVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2285PVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2285PVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2285PVC-1 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY2285
2
Pin Configurations
Pin Summary: CY2285-1, CY2285-3
Name
Pins
Description
VDD
8, 12, 19, 28
3.3V Power supply voltage
VDDCPU
25
2.5V Power supply for CPU clocks
VSS
1, 7, 15, 21, 22
Ground
XTALIN[3]
2
Reference crystal input
XTALOUT[3]
3
Reference crystal feedback
PCI_STOP
20
Active LOW control input to stop PCI clocks
CPU_STOP
18
Active LOW control input to stop CPU clocks
PWR_DWN
17
Active LOW control input to power down device
SEL100
16
Select for enabling 100-MHz or 66-MHz CPU clock
HIGH = 100 MHz, LOW = 66 MHz
CPUCLK[0:1]
23, 24
2.5V CPU clock outputs
PCICLK[1:5]
5, 6, 9, 10, 11
3.3V PCI clock outputs
PCICLK_F
4
3.3V Free-running PCI clock output
REF0/SPREAD
26 (-1 option)
3.3V 14.318-MHz reference clock output and power-on spread spectrum
enable strap option.
Strap LOW = Spread Spectrum enable
Strap HIGH = Spread Spectrum disable
SPREAD
26 (-3 option)
Active LOW control input to enable spread spectrum
REF1/SEL48
27
3.3V 14.318-MHz reference clock output and power-on 48-/24-MHz se-
lect strap option.
Strap LOW = 48 MHz on pin14
Strap HIGH = 24 MHz on pin14
USBCLK
13
3.3V 48-MHz USB clock output
USB_IOCLK/TS
14
3.3V 48-MHz or 24-MHz output and three-state strapping option.
Strap LOW = Enter three-state mode for testing
Strap HIGH = Normal Operation
Note:
3.
For best accuracy, use a parallel-resonant crystal, CLOAD = 18 pF.
PWRDWN
1
2
3
4
5
6
7
8
9
10
11
12
16
15
SSOP
Top View
13
14
25
24
23
22
21
17
18
19
20
28
27
26
VSSREF
XTAL_IN
PCICLK_F
XTAL_OUT
PCICLK1
VSSPCI
PCICLK2
VDDPCI
PCICLK4
VDD48
PCICLK5
USBCLK
USB_IOCLK/TS
REF1/SEL48
REF0/SPREAD
VDDCPU
CPUCLK0
CPUCLK1
VSSCPU
VSSCORE
VDDCORE
SEL100
VSS48
CPU_STOP
PCI_STOP
VDDREF
PCICLK3
PWRDWN
1
2
3
4
5
6
7
8
9
10
11
12
16
15
SSOP
Top View
13
14
25
24
23
22
21
17
18
19
20
28
27
26
REF0
XTAL_IN
PCICLK_F
XTAL_OUT
PCICLK1
VSSPCI
PCICLK2
VDDPCI
PCICLK4
EPCICLK
PCICLK5
VDD48
USBCLK/SEL100/66
REF1
SPREAD
VDDCPU
CPUCLK0
CPUCLK1
VSSCPU
VSSCORE
VDDCORE
DIV4
VSS48
CPU_STOP
PCI_STOP
VDDREF
PCICLK3
PWRDWN
1
2
3
4
5
6
7
8
9
10
11
12
16
15
SSOP
Top View
13
14
25
24
23
22
21
17
18
19
20
28
27
26
VSSREF
XTAL_IN
PCICLK_F
XTAL_OUT
PCICLK1
VSSPCI
PCICLK2
VDDPCI
PCICLK4
VDD48
PCICLK5
USBCLK
USB_IOCLK/TS
REF1/SEL48
SPREAD
VDDCPU
CPUCLK0
CPUCLK1
VSSCPU
VSSCORE
VDDCORE
SEL100
VSS48
CPU_STOP
PCI_STOP
VDDREF
PCICLK3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com