Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1QB Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # HS1QB
Description  1A, 1200V High Efficient Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS1QB Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  HS1QB Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS1QB Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS1QB Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS1QB Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd HS1QB Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HS1QB
Taiwan Semiconductor
4
Version: A2408
PACKAGE OUTLINE DIMENSIONS
DO-214AA (SMB)
G
YW
F
= GREEN COMPOUND
= DATE CODE
= FACTORY CODE
HS1QB
GYWF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com