Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL821CSV50 Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TQL821CSV50
Description  50V, 200mA, Low-IQ 30μA Low-Dropout Linear Regulator with Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TQL821CSV50 Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TQL821CSV50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TQL821CSV50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TQL821CSV50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TQL821CSV50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TQL821CSV50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TQL821CSV50 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TQL821CSV50 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TQL821CSV50 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TQL821CSV50 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TQL821CSV50
Taiwan Semiconductor
8
Version: A2206
PACKAGE OUTLINE DIMENSIONS
SOP-8EP
MARKING DIAGRAM
Y
= Year Code
M = Month Code for Halogen Free Product
O =Jan
P =Feb Q =Mar R =Apr
S =May T =Jun
U =Jul
V =Aug
W =Sep X =Oct
Y =Nov Z =Dec
L
= Lot Code (1~9, A~Z)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com