Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86R384 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT86R384
Description  Voice Synthesizer 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86R384 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT86R384 Datasheet HTML 1Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 2Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-1995.250
-3273.100
20
-987.000
-4260.600
2
-1995.250
-3376.100
21
-892.000
-4260.600
3
-1995.250
-3471.100
22
-789.000
-4260.600
4
-1995.250
-3574.100
23
-694.000
-4260.600
5
-1995.250
-3669.100
24
-591.000
-4260.600
6
-1995.250
-3772.100
25
-459.300
-4274.200
7
-1995.250
-3867.100
26
-369.300
-4274.200
8
-1995.250
-3970.100
27
-279.300
-4274.200
9
-1995.250
-4065.100
28
-20.900
-4223.300
10
-1995.250
-4168.100
29
84.100
-4201.950
11
-1995.250
-4263.100
30
189.100
-4192.600
12
-1789.300
-4260.600
31
294.100
-4186.000
13
-1684.000
-4260.600
32
400.100
-4186.000
14
-1581.000
-4260.600
33
511.900
-4186.000
15
-1486.000
-4260.600
34
1989.050
-4213.050
16
-1383.000
-4260.600
35
1995.200
-4031.050
17
-1288.000
-4260.600
36
1995.150
-3918.026
18
-1185.000
-4260.600
37
1995.150
-3814.424
19
-1090.000
-4260.600
Pad Description
Pad Name
I/O
OTP Option
Description
PA0~PA7
I/O
Wake-up,
Pull-high
or None
Bidirectional 8-bit I/O port. Each bit can be configured as a wake-up input
by OTP option. Software instructions determine the CMOS output or
Schmitt trigger input with or without pull-high resistor (OTP option).
PB0~PB7
I/O
Pull-high
or None
Bidirectional 8-bit I/O port. Software instructions determine the CMOS
output or Schmitt trigger input (pull-high resistor depending on OTP op-
tion).
PC0~PC5
PC6/XIN
I/O
Pull-high
or None
Bidirectional 7-bit I/O port. Software instructions determine the CMOS
output or Schmitt trigger input (pull-high resistor depending on OTP op-
tion). XIN is pin-shared with PC6
XOUT
¾
32kHz RTC
Connected an external 32kHz crystal to XIN and XOUT.
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
VDDA
¾¾
DAC power supply
VSSA
¾¾
DAC negative power supply, ground
RES
I
¾
Schmitt trigger reset input, active low
INT
I
Falling Edge Trigger
or Falling/Rising Edge
Trigger
External interrupt Schmitt trigger input without pull-high resistor. Choice
falling edge trigger or falling/rising edge trigger by OTP option. Falling
edge triggered active on a high to low transition. Rising edge triggered
active on a low to high transition. Input voltage is the same as operating
voltage.
OSC1
OSC2
¾
RC or Crystal
OSC1 and OSC2 are connected to an RC network or a crystal (by OTP
option) for the internal system clock. In the case of RC operation, OSC2
is the output terminal for 1/4 system clock.
The system clock may come from the crystal, the two pins cannot be
floating.
AUD
O
¾
Audio output for driving a external transistor or for driving HT82V733
NC
¾¾
No connection
TEST
¾¾
No connection (open)
HT86R384
Rev. 0.10
4
May 18, 2007
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com