Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT8A80IS Datasheet(PDF) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADT8A80IS
Description  SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADT8A80IS Datasheet(HTML) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADT8A80IS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT8A80IS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT8A80IS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT8A80IS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT8A80IS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT8A80IS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
 
                                      ADT8A60I/80I
 
5 / 6
www.advsemi.com
Feb,2013 -Rev.3.01
ADV
PACKAGE MECHANICAL DATA
TO-262 Package Dimension
Making Diagram
Ordering information
Part number
Package
Marking
Packing
Quantity
ADT8A60I#
TO-262
ADT8A60I#
Tube
50pcs
ADT8A80I#
TO-262
ADT8A80I#
Tube
50pcs
Note:# = Gate Trigger Current Sensitivity and type
Symb
ol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A
4.450
4.670
0.175
0.184
B
1.170
1.370
0.046
0.054
b
0.710
0.910
0.028
0.036
b1
1.170
1.370
0.046
0.054
c
0.310
0.530
0.012
0.021
c1
1.170
1.370
0.046
0.054
D
9.950
10.310
0.392
0.406
E
8.500
9.100
0.335
0.358
e
2.540 TYP
0.100 TYP
e1
4.980
5.180
0.196
0.204
L
23.25
23.45
0.915
0.923
L1
3.300
3.600
0.130
0.141
J
2.500
2.700
0.098
0.106
c1
A
D
b1
b
e
e1
J
C
ADV:Logo
ADT8A60IT:Part number
X:Internal control code
H:Halogen Free
ADV XXXX
ADT8A60IT
XXXH
XX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com