Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC620EVB
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC620EVB Datasheet HTML 8Page - Semtech Corporation SC620EVB Datasheet HTML 9Page - Semtech Corporation SC620EVB Datasheet HTML 10Page - Semtech Corporation SC620EVB Datasheet HTML 11Page - Semtech Corporation SC620EVB Datasheet HTML 12Page - Semtech Corporation SC620EVB Datasheet HTML 13Page - Semtech Corporation SC620EVB Datasheet HTML 14Page - Semtech Corporation SC620EVB Datasheet HTML 15Page - Semtech Corporation SC620EVB Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Examples (Cont.)
SC620
VIN
2
SCL
11
SDA
10
EN
3
GND
1
GND
4
GND
9
GND
12
ILED1
5
ILED2
6
ILED3
7
ILED4
8
ILED6
14
ILED8
16
ILED5
13
VLOGIC
1μF
SCL
SDA
EN
Main Panel
LED Backlighting
Lens Focusing
VBAT = 2.7V to 5.5V
VBAT
Voice
Coil
ILED7
15
GPO
Digital Output Expander
Backlighting Three LEDs of Any Color Combination Plus Lens Voice Coil Drive and One GPO
Example Circuit
This application example uses the SC620 to drive 3
backlight LEDs, plus a voice coil actuator for lens auto-focus
and one open-drain digital output. Independent outputs
allow these functions to be supported simultaneously.
The VIN supply is typically single cell Li-Ion or 5.0V. VIN
and the LED anode voltage may be supplied by different
sources. The operating voltage limit of [VIN - 1.5V] at
the sink pins must be observed to achieve the specified
accuracy of the device.
13
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com