Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS153D Datasheet(PDF) 2 Page - SYC Electronica

Part # SN74LS153D
Description  DUAL 4-INPUT MULTIPLEXER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

SN74LS153D Datasheet(HTML) 2 Page - SYC Electronica

  SN74LS153D Datasheet HTML 1Page - SYC Electronica SN74LS153D Datasheet HTML 2Page - SYC Electronica SN74LS153D Datasheet HTML 3Page - SYC Electronica SN74LS153D Datasheet HTML 4Page - SYC Electronica SN74LS153D Datasheet HTML 5Page - SYC Electronica SN74LS153D Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SN74LS153
2
CONNECTION DIAGRAM DIP (TOP VIEW)
Common Select Input
Enable (Active LOW) Input
Multiplexer Inputs
Multiplexer Output
S0
E
I0, I1
Z
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
mA HIGH/1.6 mA LOW.
HIGH
LOW
(Note a)
LOADING
PIN NAMES
VCC = PIN 16
GND = PIN 8
LOGIC SYMBOL
14
13
12
11
10
9
12345
6
7
16
15
8
VCC
Ea
Eb
S0
I3b
I2b
I0b
Zb
S1
I3a
I2a
I1a
I0a
Za
GND
1
6
5
4
3
10 11 12 13
15
14
2
7
9
Za
Zb
Sa
S0
Ea I0a I1a I2a I3a
I0b I1b I2b I3b Eb
I1b
NOTE:
The Flatpak version has the same
pinouts (Connection Diagram) as
the Dual In-Line Package.
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com