Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2040CT-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # MBRF2040CT-HF
Description  SMD Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MBRF2040CT-HF Datasheet(HTML) 1 Page - Comchip Technology

  MBRF2040CT-HF Datasheet HTML 1Page - Comchip Technology MBRF2040CT-HF Datasheet HTML 2Page - Comchip Technology MBRF2040CT-HF Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage: 40 to 200 V
Forward Current: 20 A
RoHS Device
MBRF2040CT-HF Thru. MBRF20200CT-HF
Comchip Technology CO., LTD.
Halogen Free
Features
QW-JB116
Page 1
REV:A
- For use in low voltage, high frequency inverters
free wheeling, and polarity protection applications.
- Metal silicon junction, majority carrier conduction.
- High current capability.
- Low power loss, high efficiency.
- Plastic package has underwrites laboratory
flammability classification 94V-0.
Flame retardant epoxy molding compound.
SMD Schottky Barrier Rectifiers
Dimensions in inches and (millimeters)
ITO-220AB
Circuit Diagram
3
2
1
Maximum Ratings and Electrical Characteristics (at TA=25°C, unless otherwise specified)
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Unit
Symbol
Parameter
MBRF2040CT
-HF
Peak forward surge current: 8.3ms
single half sine-wave superimposed
on rated load (JEDEC Method)
Max. forward voltage at 10A, per leg
IFSM
VF
A
V
Max. recurrent peak reverse voltage
VRRM
Max. RMS voltage
Max. DC blocking voltage
Max. average forward current
(see Fig.1)
VRMS
VDC
IF(AV)
V
V
V
40
40
28
A
100
100
70
200
200
140
20
150
0.7
MBRF2060CT
-HF
60
60
42
MBRF20100CT
-HF
MBRF20150CT
-HF
150
150
105
MBRF20200CT
-HF
Typical thermal resistance
IR
RθJC
mA
°C/W
0.02
20
2
Operating junction and storage
temperature range
TJ, TSTG
°C
-50 to +150
Max. DC reverse current at TJ=25°C
Rated DC blocking voltage TJ=125°C
-55 to +175
0.8
0.85
0.92
Mechanical data
- Case: ITO-220AB, molded plastic.
- Terminals: Solder plated, solderable per
MIL-STD-750, method 2026.
- Polarity: As marked.
- Mounting position: Any.
0.05
20
0.413(10.5)
0.374(9.50)
0.610(15.5)
0.571(14.5)
0.287(7.30)
0.248(6.30)
0.114(2.90)
0.098(2.50)
0.169(4.30)
0.130(3.30)
0.059(1.50)
0.035(0.90)
0.035(0.90)
0.012(0.30)
0.108(2.75)
0.093(2.35)
0.108(2.75)
0.093(2.35)
1
2
3
0.191(4.84)
0.167(4.24)
0.115(2.92)
0.099(2.52)
0.551(14.0)
0.512(13.0)
0.059(1.49)
0.043(1.09)
0.025(0.64)
0.019(0.47)
0.150(3.80)
0.126(3.20)


Similar Part No. - MBRF2040CT-HF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRF2040CT MCC-MBRF2040CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diotech Company.
MBRF2040CT DIOTECH-MBRF2040CT Datasheet
1,022Kb / 2P
SCHOTTKY BARRIER RECTIFIER
MBRF2040CT DIOTECH-MBRF2040CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
MBRF2040CT DACHANG-MBRF2040CT Datasheet
135Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
logo
Shenzhen Luguang Electr...
MBRF2040CT LUGUANG-MBRF2040CT Datasheet
261Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - MBRF2040CT-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com